Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD9 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # RD9
Description  User Configurable Input and Output Voltages Flyback Prototyping Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RD9 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  RD9 Datasheet HTML 1Page - Power Integrations, Inc. RD9 Datasheet HTML 2Page - Power Integrations, Inc. RD9 Datasheet HTML 3Page - Power Integrations, Inc. RD9 Datasheet HTML 4Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RD9
User Configurable Input and Output Voltages
Product Highlights
Unpopulated Prototyping Board
• Complete layout for construction of TinySwitch flyback
supply
• Convenient prototyping area on secondary side of board
• Single-sided construction
• RD9 boards can be combined for rapid prototyping with
RD8 (available separately)
Description
The RD9 is a special printed circuit board (Figure 1) designed
for rapid prototyping of TinySwitch-based flyback power
supplies in the 1-3 W range. Component positions and an
optimized layout are provided for a complete single output
power supply as shown in Figure 2. Component size and
placement are identical to evaluation board RD8. The board is
designed to accommodate a transformer using an EE16 core
with a 10 pin bobbin (Ying Chin YC-1607 or equivalent*). In
addition to the power supply circuitry, the RD9 also provides a
prototyping area on the secondary side of the board for circuitry
such as additional outputs or voltage and current regulators.
Some typical application circuits that can be constructed using
the RD9 printed circuit board can be found in the TinySwitch
and RD8 data sheets, and Design Ideas DI-4 through DI-8.
For extremely rapid prototyping, the RD8 TinySwitch evaluation
board and the RD9 prototyping board are perforated between
the primary and secondary circuit areas, so that the primary half
of the RD8 can be separated and combined with the secondary
half of the RD9.
* Available from B&B Products Corp +1 (520) 884-4818
®
Flyback Prototyping Board
TinySwitch
September 1998
Figure 1. RD9 Board Overall Physical Dimensions.
PI-2313-0092398
1.31 in.
(33.2 mm)
3.86 in. (97.9 mm)
POWER
INTEGRATIONS, INC.
®
TinySwitch RD9 Rev. B
Figure 2. PC Board Layout of the RD9.
TM
PI-2319-100898
POWER
INTEGRATIONS, INC.
®
TinySwitch RD9 Rev. B
L2
C2
R1
C3
T1
U2
D4
D3
C7
C4
C6
U1
L1
L
C5
D2
VR1
C1
JMP1
N
R4
D1
+
[Not Actual Size]


Similar Part No. - RD9

ManufacturerPart #DatasheetDescription
logo
NEC
RD9.1E NEC-RD9.1E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD9.1E EIC-RD9.1E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD9.1E NJSEMI-RD9.1E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD9.1EAB NEC-RD9.1EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD9.1EAB1 NEC-RD9.1EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
   Quad-Channel, Software Configurable Input and Output
Rev. 0
AD74115 AD-AD74115 Datasheet
3Mb / 103P
   Single-Channel, Software Configurable Input and Output
Rev. 0
logo
Renesas Technology Corp
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
logo
Eaton All Rights Reserv...
POE4W3X3.3-R EATON-POE4W3X3.3-R Datasheet
590Kb / 4P
   Configurable flyback transformer
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
   User- and Field-Configurable Power Supplies
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
   Configurable size of the input and output bus
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com