Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD7 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # RD7
Description  PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

RD7 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button RD7 Datasheet HTML 4Page - Power Integrations, Inc. RD7 Datasheet HTML 5Page - Power Integrations, Inc. RD7 Datasheet HTML 6Page - Power Integrations, Inc. RD7 Datasheet HTML 7Page - Power Integrations, Inc. RD7 Datasheet HTML 8Page - Power Integrations, Inc. RD7 Datasheet HTML 9Page - Power Integrations, Inc. RD7 Datasheet HTML 10Page - Power Integrations, Inc. RD7 Datasheet HTML 11Page - Power Integrations, Inc. RD7 Datasheet HTML 12Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RD7
B
4/99
8
PI-2275-070298
Primary
Basic Insulation
Bias Winding
Basic Insulation
Secondary Winding
Outer Insulation
Final Assembly
Start at Pin 2. Wind one complete layer (about 58 turns)
of 37 AWG heavy nyleze wire from left to right. Insulate
first layer using 1 turn of polyester film tape, 8.3 mm
wide, 0.056 mm thick. Wind remaining 58 turns from
right to left for a total of 116 turns. Finish at Pin 1.
Apply 1 layer of tape for basic insulation.
Start at Pin 4. Wind 14 turns parallel bifilar of 37 AWG
wire from left to right in a single layer. Finish at Pin 3.
Apply 1 layer of tape for basic insulation.
Start at Pins 9, 10. Wind 6 turns parallel bifilar of 26 AWG
triple insulated wire from left to right. Finish on Pin 6, 7.
Apply 3 layers of tape for basic insulation.
Assemble and secure core halves.
Impregnate uniformly with varnish.
WINDING INSTRUCTIONS
PRIMARY
SECONDARY
BIAS
TAPE
1
2
9, 10
6, 7
4
3
{
TRIPLE INSULATED SECONDARY TRANSFORMER CONSTRUCTION
* Triple insulated wire sources.
P/N: T27A01TXXX-3
Rubudue Wire Company
5150 E. La Palma Avenue
Suite 108
Anaheim Hills, CA 92807
(714) 693-5512
(714) 693-5515 FAX
P/N: order by description
Furukawa Electric America, Inc.
200 Westpark Drive
Suite 190
Peachtree City, GA 30269
(770) 487-1234
(770) 487-9910 FAX
P/N: order by description
The Furukawa Electric Co., Ltd
6-1, Marunouchi 2-chome,
Chiyoda-ku, Tokyo 100, Japan
81-3-3286-3226
81-3-3286-3747 FAX
TAPE
{
Figure 14. Construction Details of Transformer TRD7.


Similar Part No. - RD7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7 Datasheet
178Kb / 3P
   Linear Type (Exclusively Used to Detect The Angle of Vehicle Head Lights)
logo
NEC
RD7.5E NEC-RD7.5E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD7.5E EIC-RD7.5E Datasheet
75Kb / 4P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD7.5E NJSEMI-RD7.5E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD7.5EAB NEC-RD7.5EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD7

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
   85 to 265 VAC Input, 3 W Output Reference Design Board
logo
STMicroelectronics
STEVAL-ISA009V1 STMICROELECTRONICS-STEVAL-ISA009V1 Datasheet
83Kb / 4P
   VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
   3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
logo
Power Integrations, Inc...
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
   85 to 265 VAC Input, 15W Output USB Reference Design Board
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
   Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
DI-17 POWERINT-DI-17 Datasheet
46Kb / 2P
   17 W, PC Standby
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Lineage Power Corporati...
NH020 LINEAGEPOWER-NH020 Datasheet
1Mb / 17P
   Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com