Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA200PFCT Datasheet(PDF) 8 Page - Texas Instruments

Part # DLPA200PFCT
Description  DLP짰 DLPA200 DMD Micromirror Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA200PFCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPA200PFCT Datasheet HTML 4Page - Texas Instruments DLPA200PFCT Datasheet HTML 5Page - Texas Instruments DLPA200PFCT Datasheet HTML 6Page - Texas Instruments DLPA200PFCT Datasheet HTML 7Page - Texas Instruments DLPA200PFCT Datasheet HTML 8Page - Texas Instruments DLPA200PFCT Datasheet HTML 9Page - Texas Instruments DLPA200PFCT Datasheet HTML 10Page - Texas Instruments DLPA200PFCT Datasheet HTML 11Page - Texas Instruments DLPA200PFCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DLPA200
DLPS015A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
VOFFSET/DMDVCC2 Regulator
TA = 25°C, P12V = 10.8 V to 13.2 V (unless otherwise noted)
PARAAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IRL
Output current: reset outputs
Load = 400 pF, 39
Ω, repetition frequency = 50 kHz
0
12.2
mA
IQL
Output current: quiescent /
Load = 400 pF, 39
Ω, repetition frequency = 50 kHz
3
mA
drivers
IDL
Output current: DMDVCC2
0
30
mA
ICLO
Current limit
100
mA
VUVO Undervoltage threshold
VOFFSET voltage falling
50
92 %VOFFSET
VRIP
Output ripple voltage(1)
100
mVpk-pk
VOSO Voltage overshoot at start-up
2 %VOFFSET
tss
Power up
Cout = 4.7 µF, Measured between 10 to 90% of target
1
ms
VOFFSET
tdis
Discharge time constant
100
ms
(1)
Output ripple voltage relies on suitable external components being selected and good printed circuit board layout practice.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPA200


Similar Part No. - DLPA200PFCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200PFCT TI-DLPA200PFCT Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
More results

Similar Description - DLPA200PFCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
[Old version datasheet]   DMD Micromirror Driver
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP1700 TI1-DLP1700 Datasheet
1Mb / 25P
[Old version datasheet]   DLP짰 0.17 HVGA DDR Series 210 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com