Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA200PFC Datasheet(PDF) 9 Page - Texas Instruments

Part # DLPA200PFC
Description  DLP짰 DLPA200 DMD Micromirror Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA200PFC Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPA200PFC Datasheet HTML 5Page - Texas Instruments DLPA200PFC Datasheet HTML 6Page - Texas Instruments DLPA200PFC Datasheet HTML 7Page - Texas Instruments DLPA200PFC Datasheet HTML 8Page - Texas Instruments DLPA200PFC Datasheet HTML 9Page - Texas Instruments DLPA200PFC Datasheet HTML 10Page - Texas Instruments DLPA200PFC Datasheet HTML 11Page - Texas Instruments DLPA200PFC Datasheet HTML 12Page - Texas Instruments DLPA200PFC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DLPA200
www.ti.com
DLPS015A – APRIL 2010 – REVISED JUNE 2010
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Serial Communication Port Interface
A(1)
Setup SCPEN Low To SCPCK
Reference to rising edge of SCPCK
360
ns
B(1)
Byte To Byte Delay
Nominally 1 SCPCK cycle, rising edge to rising edge
1.9
µs
C(1)
Setup SCPDI To SCPEN High
Last byte to slave disable
360
ns
D(1)
SCPCK Frequency(2)
0
526
kHz
SCPCK Period
1.9
2
µs
E(1)
SCPCK High Or Low Time
300
ns
F(1)
SCPDI Set-Up Time
Reference to falling edge of SCPCK
300
ns
G(1)
SCPDI Hold Time
Reference from falling edge of SCPCK
300
ns
H(1)
SCPDO Propagation Delay
Reference from rising edge of SCPCK
300
ns
SCPEN, SCPCK, SCPDI, RESET
150
ns
Filter (Pulse Reject)
Output Micromirror Clocking Pulses
Phased reset repetition frequency
FPREP
50
kHz
each output pin (non-overlapping)
Global reset repetition frequency all
FGREP
50
kHz
output pins
IRLK
VRESET output leakage current
OE = 1, VRESET_RAIL = -28.5V
-1
-10
µA
IBLK
VBIAS output leakage current
OE = 1, VBIAS_RAIL = 28.5V
1
10
µA
IOLK
VOFFSET output leakage current
OE = 1, VOFFSET_RAIL = 10.25V
1
10
µA
Output Micromirror Clocking Pulse Controls
tSPW
STROBE Pulsewidth
10
ns
tSP
STROBE Period
20
ns
tOHZ
Output Time To High Z
OE Pin = High
100
ns
tOEN
Output Enable Time From High Z
OE Pin = Low
100
ns
tSUS
Set-Up Time
From A[3:0], MODE[1:0], and SEL[1:0] to STROBE edge
8
ns
tHOS
Hold time
From A[3:0], MODE[1:0], and SEL[1:0] to STROBE edge
8
ns
tPBR
From STROBE to VBIAS/VRESET edge 50% point.
80
200
ns
tPRO
Propagation time
From STROBE to VRESET/VOFFSET edge 50% point.
80
200
ns
tPOB
From STROBE to VOFFSET/VBIAS edge 50% point.
80
200
ns
Maximum difference between the slowest and fastest
tDEL
Edge-to-edge propagation delta
40
ns
propagation times for any given reset output.
Output channel-to-channel
Maximum difference between the slowest and fastest
tCHCH
20
ns
propagation delta
propagation times for any two outputs for any given edge.
(1)
See Figure 2
(2)
There is no minimum speed for the serial port. It can be written to statically for diagnostic purposes.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DLPA200


Similar Part No. - DLPA200PFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200PFC TI-DLPA200PFC Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200PFCT TI-DLPA200PFCT Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
More results

Similar Description - DLPA200PFC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
[Old version datasheet]   DMD Micromirror Driver
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP1700 TI1-DLP1700 Datasheet
1Mb / 25P
[Old version datasheet]   DLP짰 0.17 HVGA DDR Series 210 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com