Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2573DSTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2573DSTRPBF
Description  HID BALLAST CONTROL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2573DSTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2573DSTRPBF Datasheet HTML 1Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 2Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2573DSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.irf.com
© 2010 International Rectifier
March 29, 2010
Datasheet No – PD97477
IRS2573D
HID BALLAST CONTROL IC
Datasehet
Features
Buck, full-bridge and lamp control in one IC
Continuous/critical-conduction mode buck control
600V high and low-side full-bridge driver
600V high-side buck Driver
Low-side ignition FET gate driver
Integrated bootstrap FETs for full-bridge high-side drivers
Constant lamp power control
Programmable buck cycle-by-cycle over-current protection
Programmable buck output voltage limitation
Programmable lamp current limitation
Programmable full-bridge frequency
Fault latch reset input
Programmable ignition counter (21sec/64sec typical)
Programmable lamp under-voltage fault counter
(197sec typical) for short-circuit or lamp does not warm-up
Fast transient lamp under-voltage event counter
(16384 typical) for arc instability or end-of-life
Programmable lamp over-voltage fault counter
(787sec typical) for open-circuit or lamp extinguishes
Programmable good fault reset counter (2730sec typical)
Micro-controller compatible timing thresholds
Internal 15.6V zener clamp diode on VCC
Micropower startup (150µA)
Latch immunity and ESD protection on all pins
Product Summary
Topology
Full-Bridge & Buck
VOFFSET
600 V
VOUT
VCC
IO+, IO-, IO-Buck
(typical)
180mA, 260mA,
400mA
Deadtime (typical)
1.2 µs
Duty Cycle
50% ±1%
Package Options
SOIC28W
Typical Application Diagram
RVSENSE2
RVSENSE1
CICOMP
RIREF
CVCC1
CBB
CBS1
RHO1
RS
MLS1
RISENSE
RLO1
MHS1
CT
CVSENSE
CISENSE
CBS2
RHO2
MLS2
RLO2
MHS2
CVCC2
14VDC
CBUCK
LBUCK
DBUCK
MBUCK
RB
CTIGN
1
2
3
5
6
7
8
9
28
27
26
25
24
23
22
21
VBB
BUCK
CS
ICOMP
PCOMP
TOFF
IREF
VB2
LO2
LO1
VS1
HO1
VB1
VS2
HO2
17
18
12
CT
VCC
COM
11
10
19
20
OV
OC
VSENSE
ISENSE
ZX
MIGN
CIGN
TIGN
RIGN
DIGN
RZX
VSB
4
15
16
14
TIGN
TCLK
13
RST
IGN
CPCOMP
RCS
CTOFF
ROC
ROV
CTCLK
BUS (+)
BUS (-)
DBB
RBB3
DHO2
DLO2
DHO1
DLO1
RDB
COV
COV
(+)
(-)
CBUS
DBS
RBB1
RBB2
RVSENSE3
400VDC
LAMP
R1
CCS
RDHO1
RDLO1
RDHO2
RDLO2
RVSENSE


Similar Part No. - IRS2573DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
More results

Similar Description - IRS2573DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
   HID BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com