Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5210TR2PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFH5210TR2PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5210TR2PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH5210TR2PBF Datasheet HTML 1Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 2Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 3Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 4Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 5Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 6Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 7Page - International Rectifier IRFH5210TR2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
04/12/10
IRFH5210PbF
HEXFET® Power MOSFET
Notes  through … are on page 8
PD - 97490
Features and Benefits
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
PQFN 5X6 mm
Note
Form
Quantity
IRFH5210TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5210TR2PBF
PQFN 5mm x 6mm
Tape and Reel
1000
Orderable part number
Package Type
Standard Pack
Features
Benefits
Low RDSon (
≤ 14.9mΩ at Vgs = 10V)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 1.2°C/W)
Enables better thermal dissipation
100% Rg tested
Increased Reliability
Low Profile (
≤ 0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
3.6
0.029
104
Max.
10
35
220
±20
100
8.1
55
V
W
A
°C
VDS
100
V
RDS(on) max
(@VGS = 10V)
14.9
m
Qg (typical)
39
nC
RG (typical)
1.8
ID
(@Tc(Bottom) = 25°C)
55
A


Similar Part No. - IRFH5210TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5210PBF IRF-IRFH5210PBF Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5210TR2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com