Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFH5206TR2PBF Datasheet(PDF) 1 Page - International Rectifier

Part No. IRFH5206TR2PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5206TR2PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFH5206TR2PBF Datasheet HTML 1Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 2Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 3Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 4Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 5Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 6Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 7Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/15/10
IRFH5206PbF
HEXFET® Power MOSFET
Notes
 through † are on page 8
PD -97466
Features and Benefits
Features
Benefits
PQFN 5X6 mm
Note
Form
Quantity
IRFH5206TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5206TR2PBF
PQFN 5mm x 6mm
Tape and Reel
400
Orderable part number
Package Type
Standard Pack
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
Low RDSon (≤ 7.0mΩ at Vgs=10V)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 1.2°C/W)
Enable better thermal dissipation
100% Rg tested
Increased Reliability
Low Profile (
≤ 0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @ TC(Bottom) = 25°C
Power Dissipation
f
Linear Derating Factor (Bottom)
f
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
3.6
0.83
100
Max.
16
56
350
± 20
60
13
89
V
W
A
°C
VDS
60
V
RDS(on) max
(@VGS = 10V)
6.7
m
:
Qg (typical)
40
nC
RG (typical)
1.7
:
ID
(@Tc(Bottom) = 25°C)
89
A


Similar Part No. - IRFH5206TR2PBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRFH5206PBF IRF-IRFH5206PBF Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5206PBF IRF-IRFH5206PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5206TR2PBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRL3714Z IRF-IRL3714Z Datasheet
366Kb / 12P
   HEXFET Power MOSFET
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
   HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
   HEXFET Power MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KRF7494 KEXIN-KRF7494 Datasheet
68Kb / 2P
   HEXFET Power MOSFET
KRF7325 KEXIN-KRF7325 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
KRF7509 KEXIN-KRF7509 Datasheet
83Kb / 3P
   HEXFET Power MOSFET
KRF8910 KEXIN-KRF8910 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
Estek Electronics Co. Ltd
Estek Electronics Co. L...
E44N ESTEK-E44N Datasheet
108Kb / 2P
   HEXFET Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz