Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFH5206TR2PBF Datasheet(PDF) 3 Page - International Rectifier

Part No. IRFH5206TR2PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5206TR2PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFH5206TR2PBF Datasheet HTML 1Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 2Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 3Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 4Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 5Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 6Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 7Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFH5206PbF
www.irf.com
3
Fig 4. Normalized On-Resistance Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge Vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
8.0V
6.0V
5.0V
4.5V
4.3V
4.0V
BOTTOM
3.8V
≤60μs PULSE WIDTH
Tj = 150°C
3.8V
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 50A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
102030
40
5060
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 48V
VDS= 30V
VDS= 12V
ID= 50A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
8.0V
6.0V
5.0V
4.5V
4.3V
4.0V
BOTTOM
3.8V
≤60μs PULSE WIDTH
Tj = 25°C
3.8V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 25V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 150°C


Similar Part No. - IRFH5206TR2PBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRFH5206PBF IRF-IRFH5206PBF Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5206PBF IRF-IRFH5206PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5206TR2PBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRL3714Z IRF-IRL3714Z Datasheet
366Kb / 12P
   HEXFET Power MOSFET
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
   HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
   HEXFET Power MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KRF7494 KEXIN-KRF7494 Datasheet
68Kb / 2P
   HEXFET Power MOSFET
KRF7325 KEXIN-KRF7325 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
KRF7509 KEXIN-KRF7509 Datasheet
83Kb / 3P
   HEXFET Power MOSFET
KRF8910 KEXIN-KRF8910 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
Estek Electronics Co. Ltd
Estek Electronics Co. L...
E44N ESTEK-E44N Datasheet
108Kb / 2P
   HEXFET Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz