Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFH5206TR2PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH5206TR2PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5206TR2PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH5206TR2PBF Datasheet HTML 1Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 2Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 3Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 4Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 5Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 6Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 7Page - International Rectifier IRFH5206TR2PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFH5206PbF
2
www.irf.com
S
D
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
1.2
RθJC (Top)
Junction-to-Case
f
–––
15
°C/W
RθJA
Junction-to-Ambient
g
–––
35
RθJA (<10s)
Junction-to-Ambient
g
–––
22
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.07
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.6
6.7
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-9.7
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
73
–––
–––
S
Qg
Total Gate Charge
–––
40
60
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.2
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.4
–––
Qgd
Gate-to-Drain Charge
–––
12
–––
Qgodr
Gate Charge Overdrive
–––
18.4
–––
See Fig.17 & 18
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15.4
–––
Qoss
Output Charge
–––
14
–––
nC
RG
Gate Resistance
–––
1.7
–––
Ω
td(on)
Turn-On Delay Time
–––
6.4
–––
tr
Rise Time
–––
11
–––
td(off)
Turn-Off Delay Time
–––
22
–––
tf
Fall Time
–––
8.2
–––
Ciss
Input Capacitance
–––
2490
–––
Coss
Output Capacitance
–––
360
–––
Crss
Reverse Transfer Capacitance
–––
160
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
26
39
ns
Qrr
Reverse Recovery Charge
–––
110
165
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VDS = VGS, ID = 100μA
A
89
–––
–––
350
–––
–––
nA
ns
50
ƒ = 1.0MHz
VDS = 30V
–––
Typ.
–––
RG=1.8Ω
pF
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 50A e
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 30V, VGS = 10V
ID = 50A
VGS = 0V
VDS = 25V
Conditions
See Fig.15
Max.
87
TJ = 25°C, IF = 50A, VDD = 30V
di/dt = 500A/μs
TJ = 25°C, IS = 50A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 25V, ID = 50A
VDS = 60V, VGS = 0V, TJ = 125°C
μA
ID = 50A
VGS = 20V
VGS = -20V
VDS = 60V, VGS = 0V
nC
VGS = 10V


Similar Part No. - IRFH5206TR2PBF

ManufacturerPart #DatasheetDescription
International Rectifier
International Rectifier
IRFH5206PBF IRF-IRFH5206PBF Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5206PBF IRF-IRFH5206PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5206TR2PBF

ManufacturerPart #DatasheetDescription
International Rectifier
International Rectifier
IRL3714Z IRF-IRL3714Z Datasheet
366Kb / 12P
   HEXFET Power MOSFET
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
   HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
   HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
   HEXFET Power MOSFET
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KRF7494 KEXIN-KRF7494 Datasheet
68Kb / 2P
   HEXFET Power MOSFET
KRF7325 KEXIN-KRF7325 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
KRF7509 KEXIN-KRF7509 Datasheet
83Kb / 3P
   HEXFET Power MOSFET
KRF8910 KEXIN-KRF8910 Datasheet
66Kb / 2P
   HEXFET Power MOSFET
Estek Electronics Co. Ltd
Estek Electronics Co. L...
E44N ESTEK-E44N Datasheet
108Kb / 2P
   HEXFET Power MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com