Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5020TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH5020TRPBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5020TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH5020TRPBF Datasheet HTML 1Page - International Rectifier IRFH5020TRPBF Datasheet HTML 2Page - International Rectifier IRFH5020TRPBF Datasheet HTML 3Page - International Rectifier IRFH5020TRPBF Datasheet HTML 4Page - International Rectifier IRFH5020TRPBF Datasheet HTML 5Page - International Rectifier IRFH5020TRPBF Datasheet HTML 6Page - International Rectifier IRFH5020TRPBF Datasheet HTML 7Page - International Rectifier IRFH5020TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFH5020PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Top)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current Vs.
Case (Top) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage Vs. Temperature
0.2
0.4
0.6
0.8
1.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
2.0
3.0
4.0
5.0
6.0
ID = 1.0A
ID = 1.0mA
ID = 500μA
ID = 150μA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec


Similar Part No. - IRFH5020TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020TRPBF IRF-IRFH5020TRPBF Datasheet
258Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRFH5020TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com