Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INT200 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # INT200
Description  Low-side Drive and High-side Control with Simultaneous Conduction Lockout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT200 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  INT200 Datasheet HTML 1Page - Power Integrations, Inc. INT200 Datasheet HTML 2Page - Power Integrations, Inc. INT200 Datasheet HTML 3Page - Power Integrations, Inc. INT200 Datasheet HTML 4Page - Power Integrations, Inc. INT200 Datasheet HTML 5Page - Power Integrations, Inc. INT200 Datasheet HTML 6Page - Power Integrations, Inc. INT200 Datasheet HTML 7Page - Power Integrations, Inc. INT200 Datasheet HTML 8Page - Power Integrations, Inc. INT200 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INT200
F
1/96
Pin Functional Description
Pin 1:
Active-low logic-level input HS IN
controls the pulse circuit which signals
the INT201 high-side driver.
Pin 2:
Active-high logic level input LS IN
controls the low side driver output.
Pin 3:
LS OUT is the driver output which
controls the low-side MOSFET.
Pin 4:
COM connection; analog reference point
for the circuit.
Pin 5:
Level shift output HSD 2 signals the
high-side driver to turn off. One short,
precise pulse is sent on each positive
transition of
HS IN.
Pin 6:
Level shift output HSD 1 signals the
high-side driver to turn on. Two short,
precise pulses are sent on each negative
transition of
HS IN.
Pin 7:
N/C for creepage distance.
Pin 8:
V
DD supplies power to the logic, high-
side interface, and low-side driver.
2
Figure 3. Functional Block Diagram of the INT200
HS IN
LS IN
COM
HSD1
HSD2
LS OUT
PI-286F-043093
PULSE
CIRCUIT
LINEAR
REGULATOR
VDD
DELAY
UV
LOCKOUT


Similar Part No. - INT200

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
INT201PFI POWERINT-INT201PFI Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
INT201TFI POWERINT-INT201TFI Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
   Low-side Drive and High-side Control for Simultaneous Conduction
INT202PFI1 POWERINT-INT202PFI1 Datasheet
88Kb / 12P
   Low-side Drive and High-side Control for Simultaneous Conduction
More results

Similar Description - INT200

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INT100 POWERINT-INT100 Datasheet
94Kb / 12P
   Low-Side and High-side Drive with Simultaneous Conduction Lockout
INT202 POWERINT-INT202 Datasheet
88Kb / 12P
   Low-side Drive and High-side Control for Simultaneous Conduction
logo
ON Semiconductor
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
   High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
   High- and Low-Side, Gate-Drive IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7392 ONSEMI-FAN7392 Datasheet
2Mb / 20P
   High-Current, High- and Low-Side, Gate-Drive IC
July 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FAN7392 FAIRCHILD-FAN7392_10 Datasheet
1Mb / 18P
   High-Current, High- and Low-Side, Gate-Drive IC
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com