Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3529MTRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR3529MTRPBF
Description  XPHASE3TM PHASE IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3529MTRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3529MTRPBF Datasheet HTML 2Page - International Rectifier IR3529MTRPBF Datasheet HTML 3Page - International Rectifier IR3529MTRPBF Datasheet HTML 4Page - International Rectifier IR3529MTRPBF Datasheet HTML 5Page - International Rectifier IR3529MTRPBF Datasheet HTML 6Page - International Rectifier IR3529MTRPBF Datasheet HTML 7Page - International Rectifier IR3529MTRPBF Datasheet HTML 8Page - International Rectifier IR3529MTRPBF Datasheet HTML 9Page - International Rectifier IR3529MTRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IR3529
Page 6 of 22
February 12, 2010
Note 1: Guaranteed by design, but not tested in production
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OVP Comparator
OVP Threshold
Step V(ILL) up until GATEL drives high.
Compare to V(VCCL)
-1.0
-0.8
-0.4
V
Propagation Delay
V(VCCL)=5V, Step V(ILL) up from
V(DACIN) to V(VCCL). Measure time to
V(GATEL)>4V.
15
40
70
ns
Synchronous Rectification
Disable Comparator
Threshold Voltage
The ratio of V(CSIN-) / V(DACIN), below
which V(GATEL) is always low.
66
75
86
%
Over Current Comparator
0C, 100mV<VCC-OCSET<1V, Note 1
145
180
220
µ
A
65C, 100mV<VCC-OCSET<1V, Note 1
165
231
240
µ
A
IOCSET Sink Current
125C, 100mV<V(VCC)-V(OCSET)<1V
242
279
321
µ
A
Propagation Delay Time
Measure time from over-current to
V(GATEH)-V(SW)< 1V.
50
75
ns
Turbo Comparator
Activation Threshold Voltage
Compare to EAIN
260
mV
Turbo Pulse Width
500 kHz 1.5 V Peak sine wave on EAIN,
measure GATEH pulse width
200
400
600
ns
Turbo Enable Threshold
The ratio of V(CSIN-)/V(DACIN), below
which turbo is disabled.
66
75
86
%
Debug Comparator
Threshold Voltage
Compare to V(VCCL)
-250
-150
-50
mV
General
VCC Supply Current
10V ≤ V(VCC) ≤ 16V
1.1
2.0
4
mA
VCCL Supply Current
3.1
8.0
12.5
mA
BOOST Supply Current
4.75V ≤ V(BOOST)-V(SW )≤ 8V
0.5
1.5
3
mA
PSI# Comparator
Rising Threshold Voltage
420
600
700
mV
Falling Threshold Voltage
400
530
650
mV
Hysteresis
Note 1
50
92.5
135
mV
Resistance
40
100
170
k
Floating Voltage
800
975
1150
mV


Similar Part No. - IR3529MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3529MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3505 IRF-IR3505 Datasheet
293Kb / 19P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com