Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3521MPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR3521MPBF
Description  XPHASE3TM AMD SVID CONTROL IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521MPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3521MPBF Datasheet HTML 7Page - International Rectifier IR3521MPBF Datasheet HTML 8Page - International Rectifier IR3521MPBF Datasheet HTML 9Page - International Rectifier IR3521MPBF Datasheet HTML 10Page - International Rectifier IR3521MPBF Datasheet HTML 11Page - International Rectifier IR3521MPBF Datasheet HTML 12Page - International Rectifier IR3521MPBF Datasheet HTML 13Page - International Rectifier IR3521MPBF Datasheet HTML 14Page - International Rectifier IR3521MPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
IR3521
Page 11
V3.03
SYSTEM THEORY OF OPERATION
PWM Control Method
The PWM block diagram of the xPHASE3
TM architecture is shown in Figure 4. Feed-forward voltage mode control
with trailing edge modulation is used to provide system control. A voltage type error amplifier with high-gain and
wide-bandwidth, located in the Control IC, is used for the voltage control loop. The feed-forward control is
performed by the phase ICs as a result of sensing the input voltage (FET’s drain voltage). The PWM ramp slope
will change with the input voltage and automatically compensate for changes in the input voltage. The input voltage
can change due to variations in the silver box output voltage or due to the wire and PCB-trace voltage drop related
to changes in load current.
CLOCK GENERATOR
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
ERROR
AMPLIFIER
COUT
IR35121CONTROL IC
IR3505 PHASE IC
Output 1 Only
PWM
COMPARATOR
PWM
COMPARATOR
-
+
+
+
RAMP
DISCHARGE
CLAMP
ENABLE
BODY
BRAKING
COMPARATOR
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
IR3505 PHASE IC
CCS
REMOTE SENSE
AMPLIFIER
RCS
CFB2
CBST
RCS
CCS
CBST
CCP13
RDRP1
RFB12
RFB11
CDRP2
3K
CLK
D
Q
+
-
3K
RCP1
CCP14
CLK
D
Q
+
-
GND
VOUT1
VDAC1
VOUT1
ISHARE
PHSIN
VOSNS1-
VOSNS1+
DACIN
VCC
EAIN
GATEH
IIN1
VDRP1
LGND
EAOUT1
CLKOUT
CSIN-
CSIN+
GATEL
VCCL
VCCH
SW
VIN
FB1
CLKIN
PHSOUT
CLKIN
PHSOUT
PGND
EAIN
GATEH
ISHARE
PHSIN
DACIN
VCC
VCCL
VCCH
CSIN-
CSIN+
GATEL
PHSIN
PHSOUT
SW
PGND
VID6
IROSC
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
GATE DRIVE
VOLTAGE
-
+
+
+
ENABLE
RAMP
DISCHARGE
CLAMP
BODY
BRAKING
COMPARATOR
IFB1
VDRP1 AMP
VDAC
Figure 4 - PWM Block Diagram
Frequency and Phase Timing Control
The oscillator (system clock) is located in the Control IC and is programmable from 250 kHz to 9 MHZ by an
external resistor. The control IC clock signal (CLKOUT) is connected to CLKIN of all the phase ICs. The phase
timing of the phase ICs is controlled by the daisy chain loop. The control IC phase clock output (PHSOUT) is
connected to the phase clock input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is connected to
PHSIN of the second phase IC, etc. The last phase IC (PHSOUT) is connected back to PHSIN of the control IC to
complete the loop. During power up, the control IC sends out clock signals from both CLKOUT and PHSOUT pins
and detects the feedback at PHSIN pin to determine the phase number and monitor any fault in the daisy chain
loop. Figure 5 shows the phase timing for a four phase converter.


Similar Part No. - IR3521MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR3521MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
   XPHASE3TM AMD HYBRID CONTROL IC
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
   XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
   XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
   XPHASE3TM CONTROL IC
IR3513Z IRF-IR3513Z Datasheet
738Kb / 36P
   XPHASE3TM POL CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
   XPHASE3TM DDR & VTT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com