Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM0565RLDTU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSGM0565RLDTU
Description  Green-Mode Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0565RLDTU Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSGM0565RLDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 9Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 10Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 11Page - Fairchild Semiconductor FSGM0565RLDTU Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0565R • Rev. 1.0.2
8
Typical Performance Characteristics
Characteristic graphs are normalized at TA=25°C.
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
Figure 11. UVLO Threshold Voltage (VSTART) vs. TA
Figure 12. UVLO Threshold Voltage (VSTOP) vs. TA
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
Figure 13. Shutdown Feedback Voltage (VSD) vs. TA
Figure 14. Over-Voltage Protection (VOVP) vs. TA
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-40℃
-25℃
0℃
25℃
50℃
75℃
100℃
125℃
Temperature [°C]
Figure 15. Switching Frequency (fS) vs. TA
Figure 16. Maximum Duty Ratio (DMAX) vs. TA


Similar Part No. - FSGM0565RLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0565RLDTU ONSEMI-FSGM0565RLDTU Datasheet
505Kb / 18P
   Green-Mode Power Switch
June, 2019 ??Rev. 2
More results

Similar Description - FSGM0565RLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com