Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12C508 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC12C508
Description  8-Pin, 8-Bit CMOS Microcontrollers
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C508 Datasheet(HTML) 1 Page - Microchip Technology

  PIC12C508 Datasheet HTML 1Page - Microchip Technology PIC12C508 Datasheet HTML 2Page - Microchip Technology PIC12C508 Datasheet HTML 3Page - Microchip Technology PIC12C508 Datasheet HTML 4Page - Microchip Technology PIC12C508 Datasheet HTML 5Page - Microchip Technology PIC12C508 Datasheet HTML 6Page - Microchip Technology PIC12C508 Datasheet HTML 7Page - Microchip Technology PIC12C508 Datasheet HTML 8Page - Microchip Technology PIC12C508 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 1
Devices included in this Data Sheet:
• PIC12C508
• PIC12C508A
• PIC12CE518
• PIC12C509
• PIC12C509A
• PIC12CE519
• PIC12CR509A
Note:
Throughout this data sheet PIC12C5XX
refers to the PIC12C508, PIC12C509,
PIC12C508A, PIC12C509A,
PIC12CR509A, PIC12CE518 and
PIC12CE519. PIC12CE5XX refers to
PIC12CE518 and PIC12CE519.
High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (1
µs) except for
program branches which are two-cycle
• Operating speed: DC - 4 MHz clock input
DC - 1
µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for
data and instructions
• Internal 4 MHz RC oscillator with programmable
calibration
• In-circuit serial programming
Device
Memory
EPROM
Program
ROM
Program
RAM
Data
EEPROM
Data
PIC12C508
512 x 12
25
PIC12C508A
512 x 12
25
PIC12C509
1024 x 12
41
PIC12C509A
1024 x 12
41
PIC12CE518
512 x 12
25
16
PIC12CE519
1024 x 12
41
16
PIC12CR509A
1024 x 12
41
Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit
programmable prescaler
• Power-On Reset (POR)
•Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code-protection
• 1,000,000 erase/write cycle EEPROM data
memory
• EEPROM data retention > 40 years
• Power saving SLEEP mode
• Wake-up from SLEEP on pin change
• Internal weak pull-ups on I/O pins
• Internal pull-up on MCLR pin
• Selectable oscillator options:
- INTRC: Internal 4 MHz RC oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- LP:
Power saving, low frequency crystal
CMOS Technology:
• Low power, high speed CMOS EPROM/ROM
technology
• Fully static design
• Wide operating voltage range
• Wide temperature range:
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Low power consumption
- < 2 mA @ 5V, 4 MHz
- 15
µA typical @ 3V, 32 KHz
- < 1
µA typical standby current
PIC12C5XX
8-Pin, 8-Bit CMOS Microcontrollers


Similar Part No. - PIC12C508

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C508 MICROCHIP-PIC12C508 Datasheet
526Kb / 84P
   8-Pin, 8-Bit CMOS Microcontroller
1996
PIC12C508 MICROCHIP-PIC12C508 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C508 MICROCHIP-PIC12C508 Datasheet
158Kb / 17P
   USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
1997 - 2002
PIC12C508 MICROCHIP-PIC12C508 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C508 MICROCHIP-PIC12C508 Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results

Similar Description - PIC12C508

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C509A-04I MICROCHIP-PIC12C509A-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE519-04I MICROCHIP-PIC12CE519-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04 MICROCHIP-PIC12C509-04 Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12C509-04I MICROCHIP-PIC12C509-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04SM MICROCHIP-PIC12CE518-04SM Datasheet
1Mb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC12CE518-04I MICROCHIP-PIC12CE518-04I Datasheet
938Kb / 113P
   8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
   28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
   8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com