Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK6024DPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK6024DPD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK6024DPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK6024DPD Datasheet HTML 1Page - Renesas Technology Corp RJK6024DPD Datasheet HTML 2Page - Renesas Technology Corp RJK6024DPD Datasheet HTML 3Page - Renesas Technology Corp RJK6024DPD Datasheet HTML 4Page - Renesas Technology Corp RJK6024DPD Datasheet HTML 5Page - Renesas Technology Corp RJK6024DPD Datasheet HTML 6Page - Renesas Technology Corp RJK6024DPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK6024DPD
Preliminary
REJ03G1936-0100 Rev.1.00
Page 4 of 6
Jun 01, 2010
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.6
0.5
0.4
0.3
0.2
0.1
800
0
16
600
12
400
8
200
0
4
24
68
10
0
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage (Typical)
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
0
0.4
0.8
1.2
1.6
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
0
-25
02550
75
100 125
150
VDS
VGS
VDD = 480 V
300 V
100 V
VDD = 480 V
300 V
100 V
VDS = 10 V
1 mA
0.1 mA
ID = 0.4 A
Ta = 25
°C
VGS = 0 V
Ta = 25
°C
Pulse Test
0200
100
50150300
250
100
1
10
0.1
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
ID = 10 mA


Similar Part No. - RJK6024DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6024DPD RENESAS-RJK6024DPD Datasheet
79Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
RJK6024DPD VBSEMI-RJK6024DPD Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
RJK6024DPD-00J2 RENESAS-RJK6024DPD-00J2 Datasheet
79Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
RJK6024DPD RENESAS-RJK6024DPD_12 Datasheet
79Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
RJK6024DPD RENESAS-RJK6024DPD_15 Datasheet
79Kb / 7P
   600V - 0.4A - MOS FET High Speed Power Switching
More results

Similar Description - RJK6024DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com