Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3812F-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD3812F-E2
Description  2ch Electronic Volume
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3812F-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD3812F-E2 Datasheet HTML 2Page - Rohm BD3812F-E2 Datasheet HTML 3Page - Rohm BD3812F-E2 Datasheet HTML 4Page - Rohm BD3812F-E2 Datasheet HTML 5Page - Rohm BD3812F-E2 Datasheet HTML 6Page - Rohm BD3812F-E2 Datasheet HTML 7Page - Rohm BD3812F-E2 Datasheet HTML 8Page - Rohm BD3812F-E2 Datasheet HTML 9Page - Rohm BD3812F-E2 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Note
8/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3812F
0
100
200
300
400
500
0
25
50
75
100
125
Ta(℃)
450mW
Thermal derating characteristic
Fig.8
BD3812
ROHM standard board packaging time value
Board size : 70 x 70 x 1.6mm Raw material : FR4 glass epoxy board (copper area 3% or below)


Similar Part No. - BD3812F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3812F ROHM-BD3812F Datasheet
125Kb / 3P
   2 channel Volume IC
More results

Similar Description - BD3812F-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
   2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
   2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
   2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
   2ch Electronic Volume with Surround
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
   2CH Electronic Volume with Tone & Surround
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
logo
Renesas Technology Corp
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com