Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16HV785 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16HV785
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16HV785 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16HV785 Datasheet HTML 4Page - Microchip Technology PIC16HV785 Datasheet HTML 5Page - Microchip Technology PIC16HV785 Datasheet HTML 6Page - Microchip Technology PIC16HV785 Datasheet HTML 7Page - Microchip Technology PIC16HV785 Datasheet HTML 8Page - Microchip Technology PIC16HV785 Datasheet HTML 9Page - Microchip Technology PIC16HV785 Datasheet HTML 10Page - Microchip Technology PIC16HV785 Datasheet HTML 11Page - Microchip Technology PIC16HV785 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 206 page
background image
PIC16F785/HV785
DS41249E-page 6
© 2008 Microchip Technology Inc.
TABLE 1-1:
PIC16F785/HV785 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/ICSPDAT
RA0
TTL
CMOS PORTA I/O with prog. pull-up and interrupt-on-change
AN0
AN
A/D Channel 0 input
C1IN+
AN
Comparator 1 non-inverting input
ICSPDAT
ST
CMOS Serial Programming Data I/O
RA1/AN1/C12IN0-/VREF/
ICSPCLK
RA1
TTL
CMOS PORTA I/O with prog. pull-up and interrupt-on-change
AN1
AN
A/D Channel 1 input
C12IN0-
AN
Comparator 1 and 2 inverting input
VREF
AN
AN
External Voltage Reference for A/D, buffered reference
output
ICSPCLK
ST
Serial Programming Clock
RA2/AN2/T0CKI/INT/C1OUT
RA2
ST
CMOS PORTA I/O with prog. pull-up and interrupt-on-change
AN2
AN
A/D Channel 2 input
T0CKI
ST
Timer0 clock input
INT
ST
External Interrupt
C1OUT
CMOS Comparator 1 output
RA3/MCLR/Vpp
RA3
TTL
PORTA input with prog. pull-up and interrupt-on-
change
MCLR
ST
Master Clear with internal pull-up
VPP
HV
Programming voltage
RA4/AN3/T1G/OSC2/
CLKOUT
RA4
TTL
CMOS PORTA I/O with prog. pull-up and interrupt-on-change
AN3
AN
A/D Channel 3 input
T1G
ST
Timer1 gate
OSC2
XTAL
Crystal/Resonator
CLKOUT
CMOS FOSC/4 output
RA5/T1CKI/OSC1/CLKIN
RA5
TTL
CMOS PORTA I/O with prog. pull-up and interrupt-on-change
T1CKI
ST
Timer1 clock
OSC1
XTAL
Crystal/Resonator
CLKIN
ST
External clock input/RC oscillator connection
RB4/AN10/OP2-
RB4
TTL
CMOS PORTB I/O
AN10
AN
A/D Channel 10 input
OP2-
AN
Op Amp 2 inverting input
RB5/AN11/OP2+
RB5
TTL
CMOS PORTB I/O
AN11
AN
A/D Channel 11 input
OP2+
AN
Op Amp 2 non-inverting input
RB6
RB6
TTL
OD
PORTB I/O. Open drain output
RB7/SYNC
RB7
TTL
CMOS PORTB I/O
SYNC
ST
CMOS Master PWM Sync output or slave PWM Sync input
RC0/AN4/C2IN+
RC0
TTL
CMOS PORTC I/O
AN4
AN
A/D Channel 4 input
C2IN+
AN
Comparator 2 non-inverting input
Legend: TTL = TTL input buffer, ST = Schmitt Trigger input buffer, AN = Analog, OD = Open Drain output,
HV = High Voltage


Similar Part No. - PIC16HV785

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16HV785 MICROCHIP-PIC16HV785 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC16HV785 MICROCHIP-PIC16HV785 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC16HV785

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
PIC16F785 MICROCHIP-PIC16F785 Datasheet
1Mb / 178P
   20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
2004
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
   18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com