Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5983FM Datasheet(PDF) 2 Page - Rohm

Part # BA5983FM
Description  BTL Driver For CD-ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5983FM Datasheet(HTML) 2 Page - Rohm

  BA5983FM Datasheet HTML 1Page - Rohm BA5983FM Datasheet HTML 2Page - Rohm BA5983FM Datasheet HTML 3Page - Rohm BA5983FM Datasheet HTML 4Page - Rohm BA5983FM Datasheet HTML 5Page - Rohm BA5983FM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
REV. A
ELECTRIC CHARACTERISTICS (Ta=25
°C, Vcc=12V, PVcc1=PVcc2=5V, BIAS=2.5V, R
L=8Ω, Rd=0.5Ω,
C=100pF, unless otherwise noted.)
Parameter
Symbol
MIN.
TYP
MAX.
Unit
Condition
Quiescent Consumption
Current
IQ
-
20
30
mA
No load applied
CH1, 2, 3 Standby IQST
IQST1
-
6.2
13
mA
No load applied (IQ of Pre only)
CH4 Standby IQST
IQST2
-
16
26
mA
No load applied (IQ of Pre only)
All CHs Standby IQST
IQST3
-
-
1
mA
No load applied (IQ of Pre only)
<Driver>
Output Offset Voltage
VOOF
-70
0
70
mV
Maximum Output Amplitude
1
VOM1
3.6
4.0
-
V
CH1,2 VIN=VBIAS
± 1.65V
Maximum Output Amplitude
2
VOM2
7.5
9
-
V
CH3,4 VIN=VBIAS
± 1.65V *
Voltage Gain 1
GVC1
10
12
14
dB
CH1,2 VIN=VBIAS
± 0.5V
Voltage Gain 2
GVC2
16
18
20
dB
CH3,4 VIN=VBIAS
± 0.5V *
Slew Rate
SRDRV
-
2
-
V/
µs
Input square wave, 100kHz,
2VP¯P
Standby ON Voltage
VSTON
-
-
0.5
V
Standby OFF Voltage
VSTOFF
2.0
-
-
V
Bias Drop Mute ON Voltage
VBMON
-
-
0.7
V
Bias Drop Mute OFF
Voltage
VBMOFF
1.3
-
-
V
<Pre-stage Operational Amplifier>
Input Range (buffer in use)
VICM
0
-
9
V
Input Offset Voltage
VOFOP
-6
0
6
mV
Input Bias Current
VBOP
-
-
300
nA
High-level Output Voltage
VOHOP
9
11
-
V
VBIAS=6V
Low-level Output Voltage
VOLOP
-
-
0.3
V
VBIAS=6V
Output Driving Current Sink
ISI
1
-
-
mA
VBIAS=6V VCC with 50
attached
Output Driving Current
Source
ISO
300
500
-
µA
VBIAS=6V GND with 50
Slew Rate
SROP
-
2
-
V/
µs
Input square wave, 100kHz,
2VP¯P
OUTLINE DIMENSIONS, SYMBOLS
B A 5 9 8 3 F M
Product
number
Lot No.
(MAX 18.85 include BURR)


Similar Part No. - BA5983FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5983FM ROHM-BA5983FM Datasheet
115Kb / 8P
   BTL DRIVE
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
More results

Similar Description - BA5983FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
BA5944FP ROHM-BA5944FP Datasheet
82Kb / 2P
   BTL Driver IC for CD-ROM
logo
Aimtron Technology
AT5683 AIMTRON-AT5683 Datasheet
227Kb / 6P
   4-channel BTL Motor Driver for CD/CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
List of Unclassifed Man...
AT5654 ETC1-AT5654 Datasheet
564Kb / 12P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com