Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J20605ANP-G3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R2J20605ANP-G3
Description  Integrated Driver - MOS FET (DrMOS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20605ANP-G3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R2J20605ANP-G3 Datasheet HTML 6Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 7Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 8Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 9Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 10Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 11Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 12Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 13Page - Renesas Technology Corp R2J20605ANP-G3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
R2J20605ANP
Preliminary
REJ03G1821-0300 Rev.3.00 Feb 26, 2010
Page 10 of 16
Typical Data
Power Loss vs. Output Current
Output Current (A)
Output Voltage (V)
Input Voltage (V)
Power Loss vs. Input Voltage
Power Loss vs. Switching Frequency
Switching Frequency (kHz)
Power Loss vs. Output Voltage
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
40
35
4
6
8
10
20
12
14
22
16
18
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
1.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
1.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.6
1.5
0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4
250
500
750
1000
1250
VIN = 12 V
VCIN = Reg5V = 5 V
VOUT = 1.3 V
fPWM = 600 kHz
L = 0.45
μH
VIN = 12 V
VCIN = Reg5V = 5 V
fPWM = 600 kHz
L = 0.45
μH
IOUT = 30 A
VIN = 12 V
VCIN = Reg5V = 5 V
VOUT = 1.3 V
L = 0.45
μH
IOUT = 30 A
VCIN = Reg5V = 5 V
VOUT = 1.3 V
fPWM = 600 kHz
L = 0.45
μH
IOUT = 30 A


Similar Part No. - R2J20605ANP-G3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20601NP RENESAS-R2J20601NP Datasheet
153Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20601NP RENESAS-R2J20601NP_08 Datasheet
153Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20602NP RENESAS-R2J20602NP Datasheet
170Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results

Similar Description - R2J20605ANP-G3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20652ANP RENESAS-R2J20652ANP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20658NP RENESAS-R2J20658NP Datasheet
167Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com