Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE120A-AP Datasheet(PDF) 4 Page - Micro Commercial Components

Part # P6KE120A-AP
Description  600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

P6KE120A-AP Datasheet(HTML) 4 Page - Micro Commercial Components

  P6KE120A-AP Datasheet HTML 1Page - Micro Commercial Components P6KE120A-AP Datasheet HTML 2Page - Micro Commercial Components P6KE120A-AP Datasheet HTML 3Page - Micro Commercial Components P6KE120A-AP Datasheet HTML 4Page - Micro Commercial Components P6KE120A-AP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCC
P6KE75
67.5
75
82.5
1
60.7
5
108
5.5
.105
P6KE75A
71.3
75
78.8
1
64.1
5
103
5.8
.105
P6KE82
73.8
82
90.2
1
66.4
5
118
5.1
.105
P6KE82A
77.9
82
86.1
1
70.1
5
113
5.3
.105
P6KE91
81.9
91
100
1
73.7
5
131
4.5
.106
P6KE91A
86.5
91
95.5
1
77.8
5
125
4.8
.106
P6KE100
90
100
110
1
81
5
144
4.2
.106
P6KE100A
95
100
105
1
85.5
5
137
4.4
.106
P6KE110
99
110
121
1
89.2
5
158
3.8
.107
P6KE110A
105
110
116
1
94
5
152
4.0
.107
P6KE120
108
120
132
1
97.2
5
173
3.5
.107
P6KE120A
114
120
126
1
102
5
165
3.6
.107
P6KE130
117
130
143
1
105
5
187
3.2
.108
P6KE130A
124
130
137
1
111
5
179
3.3
.108
P6KE150
135
150
165
1
121
5
215
2.8
.108
P6KE150A
143
150
158
1
128
5
207
2.9
.108
P6KE160
144
160
176
1
130
5
230
2.6
.108
P6KE160A
152
160
168
1
136
5
219
2.7
.108
P6KE170
153
170
187
1
138
5
244
2.5
.108
P6KE170A
161
170
179
1
145
5
234
2.6
.108
P6KE180
162
180
198
1
146
5
258
2.3
.108
P6KE180A
171
180
189
1
154
5
246
2.4
.108
P6KE200
180
200
220
1
162
5
287
2.1
.108
P6KE200A
190
200
210
1
171
5
274
2.2
.108
MCC
PART NUMBER
BREAKDOWN
VOLTAGE
V(BR) @ IT
(VOLTS)
TEST
CURRENT
IT
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
ID @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MAX. TEMP
COEFFICIENT OF
VBR
V(BR) (TA)
–55
°C TO 100°C
MIN
NOM
MAX
mADC
V
(
µA)
VA
% /
°C
P6KE6.8 thru P6KE540A
P6KE220
198
220
242
1
175
5
344
1.8
.108
P6KE220A
209
220
231
1
185
5
328
1.9
.108
P6KE250
225
250
275
1
202
5
360
1.7
.110
P6KE250A
237
250
263
1
214
5
344
1.8
.110
P6KE300
270
300
330
1
243
5
430
1.4
.110
P6KE300A
285
300
315
1
256
5
414
1.5
.110
P6KE350
315
350
385
1
284
5
504
1.2
.110
P6KE350A
332
350
368
1
300
5
482
1.3
.110
P6KE400
360
400
440
1
324
5
574
1.05
.110
P6KE400A
380
400
420
1
342
5
548
1.1
.110
P6KE440
396
440
484
1
356
5
631
0.99
.110
P6KE440A
418
440
462
1
376
5
600
1.04
.110
TM
Micro Commercial Components
P6KE480
432
480
528
1
389
5
686
0.88
.110
P6KE480A
456
480
504
1
408
5
658
0.91
.110
P6KE510
459
510
561
1
413
5
729
0.82
.110
P6KE510A
485
510
535
1
434
5
698
0.86
.110
P6KE540
486
510
594
1
437
5
772
0.78
.110
P6KE540A
513
510
567
1
459
5
740
0.81
.110
Notes: For bidirectional types having Vwm of 10 Volts and less,the IR limit is double.
For parts without A,the VBR is +/- 10%.
Notes: For bidirectional types having Vwm of 10 Volts and less,the IR limit is double.
www.mccsemi.com
4 of 5
Revision: 8
2009/10/26


Similar Part No. - P6KE120A-AP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE120A-B DIODES-P6KE120A-B Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
Littelfuse
P6KE120A-B LITTELFUSE-P6KE120A-B Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Vishay Siliconix
P6KE120A-E3 VISHAY-P6KE120A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Comchip Technology
P6KE120A-G COMCHIP-P6KE120A-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
P6KE120A-G COMCHIP-P6KE120A-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
More results

Similar Description - P6KE120A-AP

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com