Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3308F Datasheet(PDF) 7 Page - Rohm

Part # BA3308F
Description  Preamps with Built-in ALC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308F Datasheet(HTML) 7 Page - Rohm

Back Button BA3308F_10 Datasheet HTML 2Page - Rohm BA3308F_10 Datasheet HTML 3Page - Rohm BA3308F_10 Datasheet HTML 4Page - Rohm BA3308F_10 Datasheet HTML 5Page - Rohm BA3308F_10 Datasheet HTML 6Page - Rohm BA3308F_10 Datasheet HTML 7Page - Rohm BA3308F_10 Datasheet HTML 8Page - Rohm BA3308F_10 Datasheet HTML 9Page - Rohm BA3308F_10 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BA3308F,BA3308FV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Measurement circuit
●Application circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ALC
V
V
V
V
V
V
10k
10
μF
120k
1.2k
33k
0.1
μF
SW4A
100
μF
SW2A
V2
22k
2
1
3
SW6A
30k
INPUT1
SW3A
3.9k
3.9k
SW3B
30k
INPUT2
SW6B
SW1B
3
2
1
V2
2.2k
SW2B
100
μF
39
SW4B
2
1
0.1
μF
1.2k
120k
10
μF
10k
330
μF
220
SW5
22
μF
1M
VCC
OUTPUT1
OUTPUT2
2
1
33k
V1
V1
39
Fig.18
For playback, connect the following NAB time constant circuit between
pins 11 and 1 and pins 10 and 7 in place of R5 and R6.
INPUT1
INPUT2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ALC
10
μF
100
μF
100
μF
39
10
μF
330
μF
220
22
μF
VCC=7V
3.9k
3.9k
10
μF
10
μF
R4
C4
R6
18k
C6
OUTPUT2
R8
1M
R7
C7
C8
18k
R5
C5
OUTPUT1
39
R3
R1
R2
C3
C2
C5
C9 (C10)
0.027
μF
R9 (R10)
120k
R11 (R12)
4.3k
Fig.17


Similar Part No. - BA3308F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
More results

Similar Description - BA3308F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
583Kb / 13P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
   Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
   Infrared detector modules with preamps
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
   Infrared detector modules with preamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com