Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0396DPA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0396DPA
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0396DPA Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0396DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0396DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0396DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0396DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0396DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0396DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0396DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1787-0210 Rev.2.10
Page 1 of 6
May 12, 2010
Preliminary Datasheet
RJK0396DPA
Silicon N Channel Power MOS FET
Power Switching
Features
 High speed switching
 Capable of 4.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
RDS(on) = 6.9 mtyp. (at VGS = 10 V)
 Pb-free
 Halogen-free
Outline
RENESAS Package code: PWSN0008DC-A
(Package name: WPAK(2))
G
D
SS S
DD D
4
12 3
56 7 8
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
8
7
6
5
2 1
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
30
A
Drain peak current
ID(pulse)
Note1
120
A
Body-drain diode reverse drain current
IDR
30
A
Avalanche current
IAP
Note 2
9
A
Avalanche energy
EAR
Note 2
8.1
mJ
Channel dissipation
Pch
Note3
28
W
Channel to case thermal impedance
ch-c Note3
4.46
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tch = 25
C, Rg  50 
3. Tc = 25
C
REJ03G1787-0210
Rev.2.10
May 12, 2010


Similar Part No. - RJK0396DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0396DPA RENESAS-RJK0396DPA Datasheet
114Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0396DPA RENESAS-RJK0396DPA Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0396DPA-00-J53 RENESAS-RJK0396DPA-00-J53 Datasheet
114Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0396DPA-00-J5A RENESAS-RJK0396DPA-00-J5A Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0396DPA RENESAS-RJK0396DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0396DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com