Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3220IPF-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3220IPF-TRPBF
Description  360mA Universal 18-Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220IPF-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3220IPF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 9Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 10Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 11Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 12Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 13Page - Linear Technology LTC3220IPF-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3220/LTC3220-1
10
32201fc
OPERATION
Blinking
Each universal output (ULED1 to ULED18) can be set to
blink with an on time of 0.156 seconds, or 0.625 seconds
and a period of 1.25 seconds, or 2.5 seconds via the I2C
port. The blinking rate is selected via REG19 and ULED
outputs are selected via REG1 to REG18. Blinking and
gradation rates are independent. Please refer to Applica-
tion Note 115 for detailed information and examples on
programming blinking.
Gradation
Universal LED outputs ULED1 to ULED18 can be set to
have the current ramp up and down at 0.24 seconds, 0.48
seconds and 0.96 seconds rates via the I2C port. Each of
these outputs can have either blinking or gradation enabled.
The gradation time is set via REG19 and ULED outputs
are selected via REG1 to REG18. The ramp direction is
also controlled via REG19. Setting the up bit high causes
gradation to ramp up, setting this bit to a low causes
gradation to ramp down. Please refer to Application Note
115 for detailed information and examples on program-
ming gradation.
When gradation is disabled the LED output current remains
at the programmed value.
The charge pump mode is reset to 1x mode after gradation
completes ramping down.
Chip Reset (RST)
The RST pin is used to turn off the chip, including the charge
pump and all ULED outputs, and clear all registers in the
LTC3220/LTC3220-1. When RST is low, the part is in shut-
down and cannot be programmed through the I2C port.
Shutdown Current
Shutdown occurs when all the current source data bits
have been written to zero, when the shutdown bit in REG0
is written with a logic 1, when RST is pulled low, or when
DVCC is set below the undervoltage lockout voltage.
Although the LTC3220/LTC3220-1 are designed to have
very low shutdown current, they will draw about 3μA
from VIN when in shutdown. Internal logic ensures that
the LTC3220/LTC3220-1 are in shutdown when DVCC is
low. Note, however that all of the logic signals that are
referenced to DVCC (SCL, SDA and RST) will need to be
at DVCC or below (i.e., ground) to avoid violation of the
absolute maximum specifications on these pins.
EMI Reduction
The flying capacitor pins C1M, C1P, C2M and C2P have
controlled slew rates to reduce conducted and radiated
noise.
Serial Port
The microcontroller compatible I2C serial port provides
all of the command and control inputs for the LTC3220/
LTC3220-1. Data on the SDA input is loaded on the rising
edge of SCL. D7 is loaded first and D0 last. There are
20 data registers, one address register and one sub-ad-
dress register. Once all address bits have been clocked
into the address register, an acknowledge occurs. The


Similar Part No. - LTC3220IPF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220IPF-TRPBF LINER-LTC3220IPF-TRPBF Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220IPF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220 Datasheet
213Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   up to 360mA | AC-DC LED driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
   250mA Universal Nine Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com