Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R2J20651NP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part No. R2J20651NP
Description  Integrated Driver - MOS FET (DrMOS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20651NP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R2J20651NP Datasheet HTML 11Page - Renesas Technology Corp R2J20651NP Datasheet HTML 12Page - Renesas Technology Corp R2J20651NP Datasheet HTML 13Page - Renesas Technology Corp R2J20651NP Datasheet HTML 14Page - Renesas Technology Corp R2J20651NP Datasheet HTML 15Page - Renesas Technology Corp R2J20651NP Datasheet HTML 16Page - Renesas Technology Corp R2J20651NP Datasheet HTML 17Page - Renesas Technology Corp R2J20651NP Datasheet HTML 18Page - Renesas Technology Corp R2J20651NP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
R2J20651NP
REJ03G1743-0400 Rev.4.00 Mar 12, 2010
Page 13 of 17
DCM Operation (LSDBL# = "L")
GL
IL
GH
0 A
Figure 1.2 Typical Signals During Low-Side Disable Operation
The PWM input is TTL level and has hysteresis. When the signal route from the control IC is high impedance, the tri-
state function turns off the high- and low-side MOS FETs. This function operates when the PWM input signal stays in
the input hysteresis window for 240 ns (typ.). After the tri-state mode has been entered and GH and GL have become
low, a PWM input voltage of 2.1 V or more is required to make the circuit return to normal operation.
2.1 V
1.2 V
2.1 V
1.2 V
240 ns (tHOLD-OFF)
240 ns (tHOLD-OFF)
240 ns (tHOLD-OFF)
240 ns (tHOLD-OFF)
PWM
GH
GH
GL
GL
PWM
Figure 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn