Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP58CA-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 5KP58CA-BP
Description  5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5KP58CA-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  5KP58CA-BP Datasheet HTML 1Page - Micro Commercial Components 5KP58CA-BP Datasheet HTML 2Page - Micro Commercial Components 5KP58CA-BP Datasheet HTML 3Page - Micro Commercial Components 5KP58CA-BP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5KP5.0(C)
THRU
5KP110(C)A
5000 Watt
Transient Voltage
Suppressors
5.0 to 110 Volts
Features
Unidirectional And Bidirectional
UL Recognized File # E331408
High Temp Soldering: 260
°C for 10 Seconds At Terminals
For Bidirectional Devices Add “C” To The Suffix Of The Part
Number: i.e. 5KP6.5C or 5KP6.5CA for 5% Tolerance Devices
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
5000 Watt Peak Power
Response Time 1 x 10
-12 Seconds For Unidirectional and 5 x 10-9
For Bidirectional
Peak Pulse Power (PPP) – versus – Pulse Time (tP)
.1
µse
c
1
µsec
10
µsec
100
µsec
0
10
100
1000
PPP - KW
tP
1msec
Figure 2 - Pulse Waveform
Peak Pulse Current (% IPP) - Versus - Time (t)
msec
0
1
2
3
% IPP
50
100
Peak Value IPP
Half Wave IPP/2
10 x 1000 Wave as
defined by R.E.A.
Test wave
form
parameters:
tr = 10 µsec
tr
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
Mark
Revision: 9
2009/07/12
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Figure 1
Maximum Ratings
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
• Marking : Cathode band and type number
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - 5KP58CA-BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5KP58CA-B LITTELFUSE-5KP58CA-B Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 5KP58CA-BP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST5AK5.0 SSDI-ST5AK5.0 Datasheet
317Kb / 2P
   5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
logo
Micro Commercial Compon...
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com