Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5400BL15K050 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5400BL15K050
Description  5.4 GHz Balun
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5400BL15K050 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5400BL15K050 Datasheet HTML 1Page - Johanson Technology Inc. 5400BL15K050 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.4 GHz Balun
P/N 5400BL15K050
Detail Specification: 05/16/05
Page 2 of 2
Typical Electrical Performance (T=25°C)
Insertion and Return Loss
dB(IL)
dB(RL)
Amplitude and Phase Balance
(dif_amplitude)
(dB)
(dB)
(dif_phase)
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
)
)
)
)
)
)
)
)
)
)
)
)
5.0
5.2
5.4
5.6
5.8
4.8
6.0
-15
-10
-5
-20
0
freq, GHz
5.0
5.2
5.4
5.6
5.8
4.8
6.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-2.0
2.0
165
170
175
180
185
190
195
160
200
freq, GHz


Similar Part No. - 5400BL15K050

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400BL15B050 JOHANSON-5400BL15B050 Datasheet
71Kb / 2P
   5400 MHz Balun
5400BL15B050E JOHANSON-5400BL15B050E Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
5400BL15B100 JOHANSON-5400BL15B100 Datasheet
149Kb / 2P
   5.5 GHz Balun
5400BL15B200 JOHANSON-5400BL15B200 Datasheet
140Kb / 2P
   5400 MHz Balun
More results

Similar Description - 5400BL15K050

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
5400BL14B100 JOHANSON-5400BL14B100 Datasheet
142Kb / 2P
   5.4 GHz Balun
5425BL07A0200 JOHANSON-5425BL07A0200 Datasheet
154Kb / 2P
   5.4 GHz EIA 0402 Ultra Low Profile 50:200廓 Balun
5400AT18A1000 JOHANSON-5400AT18A1000 Datasheet
449Kb / 3P
   5.4 GHz Antenna
5400AT18A1000E JOHANSON-5400AT18A1000E Datasheet
351Kb / 3P
   5.4 GHz Wideband Antenna
5425BP15A1050 JOHANSON-5425BP15A1050 Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
5425BP15A1050E JOHANSON-5425BP15A1050E Datasheet
197Kb / 2P
   5.4 GHz Band Pass Filter
1850BL15B100 JOHANSON-1850BL15B100 Datasheet
115Kb / 2P
   1.85 GHz Balun
1450BL15A200 JOHANSON-1450BL15A200 Datasheet
130Kb / 2P
   1.45 GHz Balun
2450BL14B050 JOHANSON-2450BL14B050 Datasheet
71Kb / 2P
   2.45 GHz Balun
2450BL15B150 JOHANSON-2450BL15B150 Datasheet
142Kb / 2P
   2.45 GHz Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com