Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2134AYKFP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F2134AYKFP
Description  RENESAS MCU
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2134AYKFP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F2134AYKFP Datasheet HTML 41Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 42Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 43Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 44Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 45Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 46Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 47Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 48Page - Renesas Technology Corp R5F2134AYKFP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
R8C/34W Group, R8C/34X Group, R8C/34Y Group, R8C/34Z Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
REJ03B0312-0010 Rev.0.10
Page 45 of 67
Apr 09, 2010
Notes:
1.
VCC = 2.7 to 5.5 V at Topr =
−40 to 85°C (J version) / −40 to 125°C (K version), unless otherwise specified.
2.
The average output current indicates the average value of current measured during 100 ms.
Table 5.2
Recommended Operating Conditions (1)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
2.7
5.5
V
VSS/AVSS Supply voltage
0
V
VIH
Input “H” voltage Other than CMOS input
0.8 VCC
VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.5 VCC
VCC
V
2.7 V
≤ VCC < 4.0 V
0.55 VCC
VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.65 VCC
VCC
V
2.7 V
≤ VCC < 4.0 V
0.7 VCC
VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.85 VCC
VCC
V
2.7 V
≤ VCC < 4.0 V
0.85 VCC
VCC
V
External clock input (XOUT)
1.2
VCC
V
VIL
Input “L” voltage
Other than CMOS input
0
0.2 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.2 VCC
V
Input level selection
: 0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.4 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.3 VCC
V
Input level selection
: 0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
0.55 VCC
V
2.7 V
≤ VCC < 4.0 V
0
0.45 VCC
V
External clock input (XOUT)
0
0.4
V
IOH(sum)
Peak sum output “H”
Sum of all pins IOH(peak)
−−
−80
mA
IOH(sum)
Average sum output “H”
Sum of all pins IOH(avg)
−−
−40
mA
IOH(peak)
Peak output “H” current
−−
−10
mA
IOH(avg)
Average output “H” current
−−
−5mA
IOL(sum)
Peak sum output “L”
Sum of all pins IOL(peak)
−−
80
mA
IOL(sum)
Average sum output “L”
Sum of all pins IOL(avg)
−−
40
mA
IOL(peak)
Peak output “L” current
−−
10
mA
IOL(avg)
Average output “L” current
−−
5mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
fOCO40M When used as the count source for timer RC or timer RD
2.7 V
≤ VCC ≤ 5.5 V
32
40
MHz
fOCO-F
fOCO-F frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
System clock frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ VCC ≤ 5.5 V
−−
20
MHz


Similar Part No. - R5F2134AYKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21344CDFP RENESAS-R5F21344CDFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21344CDFP RENESAS-R5F21344CDFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21344CNFP RENESAS-R5F21344CNFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21344CNFP RENESAS-R5F21344CNFP Datasheet
539Kb / 57P
   RENESAS MCU
R5F21344MDFP RENESAS-R5F21344MDFP Datasheet
561Kb / 57P
   Specifications in this document are tentative and subject to change
More results

Similar Description - R5F2134AYKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com