Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNA51958APT0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RNA51958APT0
Description  Voltage Detecting, System Resetting IC Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958APT0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RNA51958APT0 Datasheet HTML 1Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 2Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 3Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 4Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 5Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 6Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 7Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 8Page - Renesas Technology Corp RNA51958APT0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RNA51958A, B
Preliminary
REJ03D0915-0302 Rev.3.02
Page 5 of 13
Apr 01, 2010
Typical Characteristics
250
0
50
100
150
200
1.28
1.22
–40
0
–20
20
40
80
60
100
1.23
1.24
1.25
1.26
1.27
1.28
1.22
1.23
1.24
1.25
1.26
1.27
VSH
VSL
VIN = 1.25 V
0
4
8
12
16
20
0
4
8
12
16
20
VSH
VSL
Ta = –40°C
Ta = 85°C
Ta = 25°C
–40
0
–20
20
40
80
60
100
6
0
3
2
1
5
4
VCC = 5 V
10 V
VCC = 15 V
0.1
3 5 7
3 5 7
35 7
110
7
35
100
1000
10
7
5
3
7
5
3
7
5
3
7
5
3
0.001
0.1
0.01
1
VCC = 5 V
CD = 0.01 μF
Supply Voltage VCC (V)
Supply Voltage VCC (V)
Ambient Temperature Ta (°C)
Detection Voltage vs. Ambient Temperature
Detection Voltage vs. Supply Voltage
Input Current vs. Supply Voltage
Ambient Temperature Ta (°C)
Delay Time vs. Ambient Temperature
Delay Time tpd (ms)
Delay Capacitance vs. Delay Time
600
500
0
025
50
75 85 100
125
100
200
300
400
Thermal Derating
Ambient Temperature Ta (°C)
8-pin SOP
(PRSP0008DE-C)
8-pin DIP
(PRDP0008AF-B)


Similar Part No. - RNA51958APT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51958APT0 RENESAS-RNA51958APT0 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51958APT0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com