Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNA51957BPT0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RNA51957BPT0
Description  Voltage Detecting, System Resetting IC Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51957BPT0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RNA51957BPT0 Datasheet HTML 2Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 3Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 4Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 5Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 6Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 7Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 8Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 9Page - Renesas Technology Corp RNA51957BPT0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RNA51957A, B
Preliminary
REJ03D0912-0402 Rev.4.02
Page 6 of 13
Apr 01, 2010
1.0
0
0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
Ta = 25°C
RL = 2.2 kΩ
RL = 22 kΩ
RL = 100 kΩ
–40
0
–20
20
40
80
60
100
–12
0
–4
–8
–6
–2
–10
VCC = 5 V
VCC = 15 V
0.3
0
02
1
3456
0.1
0.2
VCC = 5 V
VCC = 15 V
VCC = 10 V
0
0
4
8
12
16
–10
–20
–30
–40
0
048
12
16
200
400
600
800
Ta = –40°C
Ta = 25°C
Ta = 85°C
Supply Voltage VCC (V)
Threshold Operating Voltage
Supply Voltage VCC (V)
Output Load Current vs. Output Voltage
(RNA51957A)
Output Voltage VO (V)
Circuit Current vs. Supply Voltage
(RNA51957B)
Output Sink Current Isink (mA)
Output Saturation Voltage vs. Output Sink Current
Supply voltage detecting "L" reset type
: VCC = 4 V
Except above mentioned
: VCC = 5 V
Ambient Temperature Ta (°C)
Canstant Current at Cd pin vs. Ambient Temperature


Similar Part No. - RNA51957BPT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51957BPT0 RENESAS-RNA51957BPT0 Datasheet
155Kb / 14P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51957BPT0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com