Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ200CA-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMAJ200CA-TP
Description  400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ200CA-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SMAJ200CA-TP Datasheet HTML 1Page - Micro Commercial Components SMAJ200CA-TP Datasheet HTML 2Page - Micro Commercial Components SMAJ200CA-TP Datasheet HTML 3Page - Micro Commercial Components SMAJ200CA-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ5.0
THRU
SMAJ440CA
400 Watt
Transient Voltage
Suppressors
5.0 to 440 Volts
0.05
0.085 ”
0.058 ”
SUGGESTED SOLDER
PAD LAYOUT
MA X
MI N
MI N
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.157
.181
4.00
4.60
B
.098
.114
2.50
2.90
C
.006
.012
0.152
0.305
D..030
.060
0.76
1..52
E
.188
.208
4.80
5.28
F
.078
.096
2.00
2.44
G
.055
.062
1.40
1.60
H
.002
.008
0.051
0.203
Features
For Surface Mount Applications
Unidirectional And Bidirectional
Low Inductance
High Temp Soldering: 260
°C for 10 Seconds At Terminals
For Bidirectional Devices Add “C” To The Suffix of The Part
Number: i.e.SMAJ5.0CA for 5% Tolerance
0D[LPXP5DWLQJ
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 25
/W Junction to Ambient
Peak Pulse Current on
10/1000
IPPM
See Table 1 Note 2
Peak Pulse Power Dissipation
PPPM
Min 400 W
Note 2, 6
Steady State Power Dissipation
PM(AV)
1.0 W
Note 2, 5
Peak Forward Surge Current
IFSM
40A
Note:5
2. Non-repetitive current pulse, per Fig.3 and derated above
TA=25
per Fig.2.
3. Mounted on 5.0mm
2 copper pads to each terminal.
4. 8.3ms, single half sine wave duty cycle = 4 pulses per
Minutes maximum.
5. Lead temperature at TL = 75 .
6. Peak pulse power waveform is 10/1000
.
A
B
D
C
E
F
G
H
DO-214AC
(SMA)( LEAD FRAME)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 12
2009/07/12
0HFKDQLFDO'DWD
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL rating 1
Polarity: Indicated by cathode band except bi-directional types
UL Recognized File # E331408
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.


Similar Part No. - SMAJ200CA-TP

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMAJ200CA-AT UNSEMI-SMAJ200CA-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - SMAJ200CA-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com