Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP51C-AP Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 5KP51C-AP
Description  5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5KP51C-AP Datasheet(HTML) 4 Page - Micro Commercial Components

  5KP51C-AP Datasheet HTML 1Page - Micro Commercial Components 5KP51C-AP Datasheet HTML 2Page - Micro Commercial Components 5KP51C-AP Datasheet HTML 3Page - Micro Commercial Components 5KP51C-AP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: 9
2009/07/12
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserve
s the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold Micro Commercial Components Corp . and all the companies whose
Ordering Information
Device
Packing
(Part Number)-TP
Tape&Reel; 500pcs/Reel
(Part Number)-AP
Ammo Packing;450pcs/AmmoBox
(Part Number)-BP
Bulk;200pcs/Box
3


Similar Part No. - 5KP51C-AP

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
5KP51C DAESAN-5KP51C Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
5KP51C SURGE-5KP51C Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP51C LUGUANG-5KP51C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP51C LUGUANG-5KP51C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
UN Semiconducctor INC
5KP51C UNSEMI-5KP51C Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - 5KP51C-AP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST5AK5.0 SSDI-ST5AK5.0 Datasheet
317Kb / 2P
   5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
logo
Micro Commercial Compon...
5KP250A MCC-5KP250A_15 Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
5KP5.0 MCC-5KP5.0_11 Datasheet
608Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A_12 Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F12A-TP MCC-SMA6F12A-TP Datasheet
330Kb / 5P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
SMAJ5.0 MCC-SMAJ5.0 Datasheet
165Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com