Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ30CA Datasheet(PDF) 8 Page - Micro Commercial Components

Part # SMBJ30CA
Description  Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ30CA Datasheet(HTML) 8 Page - Micro Commercial Components

  SMBJ30CA Datasheet HTML 1Page - Micro Commercial Components SMBJ30CA Datasheet HTML 2Page - Micro Commercial Components SMBJ30CA Datasheet HTML 3Page - Micro Commercial Components SMBJ30CA Datasheet HTML 4Page - Micro Commercial Components SMBJ30CA Datasheet HTML 5Page - Micro Commercial Components SMBJ30CA Datasheet HTML 6Page - Micro Commercial Components SMBJ30CA Datasheet HTML 7Page - Micro Commercial Components SMBJ30CA Datasheet HTML 8Page - Micro Commercial Components SMBJ30CA Datasheet HTML 9Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MCC
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
SMBJ130C
130
144
176
1
231
2.6
5
EH
SMBJ130CA
130
144
159
1
209
2.9
5
EK
SMBJ150C
150
167
204
1
268
2.2
5
EL
SMBJ150CA
150
167
185
1
243
2.5
5
EM
SMBJ160C
160
178
218
1
287
2.1
5
EN
SMBJ160CA
160
178
197
1
259
2.3
5
EP
SMBJ170C
170
189
231
1
304
2.0
5
EQ
SMBJ170CA
170
189
209
1
275
2.2
5
ER
SMBJ180CA
180
201
222
1
292
2.1
5
ET
SMBJ200CA
200
224
247
1
324
1.9
5
EV
SMBJ220CA
220
246
272
1
356
1.7
5
EX
SMBJ250CA
250
279
309
1
405
1.5
5
EZ
SMBJ300CA
300
335
371
1
486
1.3
5
FE
SMBJ350CA
350
391
432
1
567
1.1
5
FG
SMBJ400CA
400
447
494
1
648
0.9
5
FK
SMBJ440CA
440
492
543
1
713
0.9
5
FM
SMBJ5.0C(A) THRU SMBJ440C(A)
TM
Micro Commercial Components
www.mccsemi.com
8 of 9
Revision: 8
2009/07/12


Similar Part No. - SMBJ30CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ30CA SOCAY-SMBJ30CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ30CA BYTES-SMBJ30CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMBJ30CA DAESAN-SMBJ30CA Datasheet
348Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
SMBJ30CA ZOWIE-SMBJ30CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMBJ30CA MDE-SMBJ30CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ30CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ26A-TP MCC-SMBJ26A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ30-TP MCC-SMBJ30-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ28A-TP MCC-SMBJ28A-TP Datasheet
352Kb / 10P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ5.0 MCC-SMBJ5.0_11 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com