Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX4XXF512HT-40IBG Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC32MX4XXF512HT-40IBG
Description  High-Performance, General Purpose and USB 32-bit Flash Microcontrollers
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX4XXF512HT-40IBG Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC32MX4XXF512HT-40IBG Datasheet HTML 6Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 7Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 8Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 9Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 10Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 11Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 12Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 13Page - Microchip Technology PIC32MX4XXF512HT-40IBG Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 208 page
background image
PIC32MX3XX/4XX
DS61143G-page 10
© 2010 Microchip Technology Inc.
TABLE 3:
PIN NAMES: PIC32MX320F128L, PIC32MX340F128L, AND PIC32MX360F128L, AND
PIC32MX360F512L DEVICES
Pin
Number
Full Pin Name
Pin
Number
Full Pin Name
A1
PMD4/RE4
E8
INT4/RA15
A2
PMD3/RE3
E9
RTCC/IC1/RD8
A3
TRD0/RG13
E10
IC2/RD9
A4
PMD0/RE0
E11
INT3/RA14
A5
PMD8/RG0
F1
MCLR
A6
PMD10/RF1
F2
SDO2/PMA3/CN10/RG8
A7
ENVREG
F3
SS2/PMA2/CN11/RG9
A8
VSS
F4
SDI2/PMA4/CN9/RG7
A9
IC5/PMD12/RD12
F5
VSS
A10
OC3/RD2
F6
No Connect (NC)
A11
OC2/RD1
F7
No Connect (NC)
B1
No Connect (NC)
F8
VDD
B2
RG15
F9
OSC1/CLKI/RC12
B3
PMD2/RE2
F10
VSS
B4
PMD1/RE1
F11
OSC2/CLKO/RC15
B5
TRD3/RA7
G1
INT1/RE8
B6
PMD11/RF0
G2
INT2/RE9
B7
VCAP/VDDCORE
G3
TMS/RA0
B8
PMRD/CN14/RD5
G4
No Connect (NC)
B9
OC4/RD3
G5
VDD
B10
VSS
G6
VSS
B11
SOSCO/T1CK/CN0/RC14
G7
VSS
C1
PMD6/RE6
G8
No Connect (NC)
C2
VDD
G9
TDO/RA5
C3
TRD1/RG12
G10
SDA2/RA3
C4
TRD2/RG14
G11
TDI/RA4
C5
TRCLK/RA6
H1
AN5/C1IN+/CN7/RB5
C6
No Connect (NC)
H2
AN4/C1IN-/CN6/RB4
C7
PMD15/CN16/RD7
H3
VSS
C8
OC5/PMWR/CN13/RD4
H4
VDD
C9
VDD
H5
No Connect (NC)
C10
SOSCI/CN1/RC13
H6
VDD
C11
IC4/PMCS1/PMA14/RD11
H7
No Connect (NC)
D1
T2CK/RC1
H8
SDI1/RF7
D2
PMD7/RE7
H9
SCK1/INT0/RF6
D3
PMD5/RE5
H10
SCL1/RG2
D4
VSS
H11
SCL2/RA2
D5
VSS
J1
AN3/C2IN+/CN5/RB3
D6
No Connect (NC)
J2
AN2/C2IN-/SS1/CN4/RB2
D7
PMD14/CN15/RD6
J3
PGED2/AN7/RB7
D8
PMD13/CN19/RD13
J4
AVDD
D9
OC1/RD0
J5
AN11/PMA12/RB11
D10
No Connect (NC)
J6
TCK/RA1
D11
IC3/PMCS2/PMA15/RD10
J7
AN12/PMA11/RB12
E1
T5CK/RC4
J8
No Connect (NC)
E2
T4CK/RC3
J9
No Connect (NC)
E3
SCK2/PMA5/CN8/RG6
J10
SDO1/RF8
E4
T3CK/RC2
J11
SDA1/RG3
E5
VDD
K1
PGEC1/AN1/CN3/RB1
E6
PMD9/RG1
K2
PGED1/AN0/CN2/RB0


Similar Part No. - PIC32MX4XXF512HT-40IBG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX4XXF512HT-80IMR MICROCHIP-PIC32MX4XXF512HT-80IMR Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
PIC32MX4XXF512HT-80IPT MICROCHIP-PIC32MX4XXF512HT-80IPT Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
More results

Similar Description - PIC32MX4XXF512HT-40IBG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX460F512L-80I MICROCHIP-PIC32MX460F512L-80I Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX320F032H MICROCHIP-PIC32MX320F032H_11 Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX5XX MICROCHIP-PIC32MX5XX Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
2010
PIC32MX5XX MICROCHIP-PIC32MX5XX_11 Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
   High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX695F512L-80I MICROCHIP-PIC32MX695F512L-80I Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX3XX MICROCHIP-PIC32MX3XX Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
PIC32MX440F512H-80I MICROCHIP-PIC32MX440F512H-80I Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX440F256H-80I MICROCHIP-PIC32MX440F256H-80I Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com