Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I.MX27 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 63Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 64Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 65Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 66Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 67Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 68Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 69Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 70Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
Freescale Semiconductor
67
Electrical Characteristics
4.3.7
NAND Flash Controller Interface (NFC)
Figure 31, Figure 32, Figure 33, and Figure 34 show the relative timing requirements among different
signals of the NFC at module level, and Table 35 lists the timing parameters. The NAND Flash Controller
(NFC) timing parameters are based on the internal NFC clock generated by the Clock Controller module,
where time T is the period of the NFC clock in ns. The relationship between the NFC clock and the external
timing parameters of the NFC is provided in Table 35.
Table 35 also provides two examples of external timing parameters with NFC clock frequencies of
22.17 MHz and 33.25 MHz. Assuming a 266 MHz FCLK (CPU clock), NFCDIV should be set to
divide-by-12 to generate a 22.17 MHz NFC clock and divide-by-8 to generate a 33.25 MHz NFC clock.
The user should compare the parameters of the selected NAND Flash memory with the NFC external
timing parameters to determine the proper NFC clock. The maximum NFC clock allowed is 66 MHz. It
should also be noted that the default NFC clock on power up is 16.63 MHz.
MSHC_BS
Setup time
tBSsu
5
ns
Hold time
tBSh
5
ns
MSHC_DATA
Setup time
tDsu
5
ns
Hold time
tDh
5
ns
Output delay time
tDd
15
ns
Table 34. Parallel Interface Timing Parameters
Signal
Parameter
Symbol
Standards
Unit
Min
Max
MSHC_SCLK
Cycle
tSCLKc
25
ns
H pulse length
tSCLKwh
5
ns
L pulse length
tSCLKwl
5
ns
Rise time
tSCLKr
10
ns
Fall time
tSCLKf
10
ns
MSHC_BS
Setup time
tBSsu
8
ns
Hold time
tBSh
1
ns
MSHC_DATA
Setup time
tDsu
8
ns
Hold time
tDh
1
ns
Output delay time
tDd
15
ns
Table 33. Serial Interface Timing Parameters (continued)
Signal
Parameter
Symbol
Standards
Unit
Min.
Max.


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
   Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
   Multimedia Applications Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
   Multimedia Applications Processor
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
   Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com