Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVA18PQ800 Datasheet(PDF) 3 Page - Microchip Technology

Part # DVA18PQ800
Description  Processor Module and Device Adapter Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA18PQ800 Datasheet(HTML) 3 Page - Microchip Technology

  DVA18PQ800 Datasheet HTML 1Page - Microchip Technology DVA18PQ800 Datasheet HTML 2Page - Microchip Technology DVA18PQ800 Datasheet HTML 3Page - Microchip Technology DVA18PQ800 Datasheet HTML 4Page - Microchip Technology DVA18PQ800 Datasheet HTML 5Page - Microchip Technology DVA18PQ800 Datasheet HTML 6Page - Microchip Technology DVA18PQ800 Datasheet HTML 7Page - Microchip Technology DVA18PQ800 Datasheet HTML 8Page - Microchip Technology DVA18PQ800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 3
Processor Module and Device Adapter Specification
4.1.1
EMULATOR PROCESSOR POWER
SUPPLIED BY EMULATOR SYSTEM
If the emulator system is selected to power the emula-
tor processor in the processor module, the emulator
system can be operated without being connected to a
target application. If the system is being connected to a
target application, the power to the pod should be
applied before applying power to the target application.
The target application system’s VCC will experience a
small current load (10 mA typical) when the emulator
system is connected via a device adapter. This is
because the target system must always power the
clock chip in the processor module.
4.1.2
EMULATOR PROCESSOR POWER
SUPPLIED BY TARGET APPLICATION
SYSTEM
When the MPLAB IDE software is brought up, the
emulator system is first initialized with the emulator
system powering the emulator processor. The
“Processor Power Supplied by Target Board” option
may then be selected using the Power tab of the
Settings dialog (Debugger>Settings) to power the
processor module from the target board.
When operating from external power, the processor
module will typically represent a current load equivalent
to the device being emulated (according to its data
sheet) plus approximately 100 mA. Keep in mind that
the target application will affect the overall current load
of the processor module, dependent upon the load
placed upon the processor I/O.
When the processor power is supplied by the target
application system, an external clock (from the target
board) may also be provided. MPLAB IDE will not allow
use of an external clock without the use of external
power.
4.1.3
OPERATING VOLTAGE OF 4.6 TO 5.5
VOLTS
If the target application system’s operating voltage is
between 4.55V (±120 mV) and 5.5V, the processor
module will consider this a STANDARD VOLTAGE
condition. In this mode, the processor can run to its
highest rated speed (as indicated in its data sheet).
The recommended power-up sequence is:
1.
Apply power to the PC host.
2.
Apply power to the emulator pod and processor
module assembly.
3.
Invoke MPLAB IDE.
4.
Select Debugger > Settings and click the Power
tab. Configure system for “Processor Power
Supplied by Target Board”.
5.
At the error message, apply power to the target
application circuit. Then acknowledge the error.
6.
Issue a System Reset (from the debugger
menu) before proceeding.
4.1.4
OPERATING VOLTAGE OF 2.0 TO 4.6
VOLTS
If the target application system’s operating voltage is
between 2.0V and 4.55V (±120 mV), the processor
module will consider this a LOW VOLTAGE condition.
In this mode, the processor is limited to its rated speed
at a given voltage level (as indicated in its data sheet).
To minimize the amount of reverse current that the
target system is exposed to, the recommended
power-up sequence is:
1.
Apply power to the PC host.
2.
Apply power to the emulator pod and processor
module assembly.
3.
Invoke MPLAB IDE.
4.
Select Debugger > Settings and click the Power
tab. Configure system for “Processor Power
Supplied by Target Board”.
5.
At the error message, apply power to the target
application circuit. Then acknowledge the error.
6.
Issue a System Reset (from the debugger
menu) before proceeding.
7.
Select Debugger > Settings and click the Power
tab. Verify that the dialog says “Low Voltage
Enabled.” Click Cancel to close the dialog.
4.2
Operating Frequency
The processor modules will support the maximum
frequency (except where noted in Section 3.0
“Emulator-Related Issues”) of the device under
emulation. The maximum frequency of a PICmicro
MCU device is significantly lower when the operating
voltage is less than 4.5V.
The processor modules will support a minimum
frequency of 32 kHz. When operating at low
frequencies, response to the screen may be slow.
4.3
Clock Options
MPLAB ICE 2000 allows internal and external clocking.
When set to internal, the clock is supplied from the
internal programmable clock, located in the emulator
pod. When set to external, the oscillator on the target
application system will be utilized.
4.3.1
CLOCK SOURCE FROM EMULATOR
Refer to the MPLAB ICE 2000 on-line help file in
MPLAB IDE (Help>Topics) or the “MPLAB® ICE 2000
In-Circuit Emulator User’s Guide” (DS51488), “Using
the On-Board Clock”, for configuring MPLAB IDE to
supply the clock source.


Similar Part No. - DVA18PQ800

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DVA30 EXTECH-DVA30 Datasheet
147Kb / 4P
   AC Voltage and Current Detector
DVA30 EXTECH-DVA30_15 Datasheet
168Kb / 1P
   Non-Contact AC Voltage and Current Detector
logo
VPT, Inc.
DVAB2800D VPT-DVAB2800D Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVAB2805D VPT-DVAB2805D Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVAB2805DFES VPT-DVAB2805DFES Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVA18PQ800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM122ADCW6 ETC1-TM122ADCW6 Datasheet
761Kb / 16P
   DEVICE SPECIFICATION FOR LCD MODULE
logo
Sharp Corporation
LQ084V2DS01 SHARP-LQ084V2DS01 Datasheet
1,023Kb / 16P
   DEVICE SPECIFICATION FOR TFT-LCD Module
LQ9D161 SHARP-LQ9D161 Datasheet
1,018Kb / 20P
   DEVICE SPECIFICATION FOR TFT-LCD module
LQ035Q7DH02F SHARP-LQ035Q7DH02F Datasheet
427Kb / 24P
   DEVICE SPECIFICATION FOR TFT-LCD MODULE
LM057QCTT03 SHARP-LM057QCTT03 Datasheet
1Mb / 25P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM3201921 SHARP-LM3201921 Datasheet
1Mb / 26P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM10V335 SHARP-LM10V335 Datasheet
896Kb / 29P
   DEVICE SPECIFICATION for Passive Matrix Color LCD Module
logo
Intel Corporation
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Silicom Ltd.
M1ESC62 SILICOM-M1ESC62 Datasheet
328Kb / 4P
   Protocol Processor ExpressModule Server Adapter
logo
Sharp Corporation
PC900V SHARP-PC900V Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com