Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE46C167TSW Datasheet(PDF) 6 Page - Microchip Technology

Part # RE46C167TSW
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C167TSW Datasheet(HTML) 6 Page - Microchip Technology

Back Button RE46C167TSW Datasheet HTML 2Page - Microchip Technology RE46C167TSW Datasheet HTML 3Page - Microchip Technology RE46C167TSW Datasheet HTML 4Page - Microchip Technology RE46C167TSW Datasheet HTML 5Page - Microchip Technology RE46C167TSW Datasheet HTML 6Page - Microchip Technology RE46C167TSW Datasheet HTML 7Page - Microchip Technology RE46C167TSW Datasheet HTML 8Page - Microchip Technology RE46C167TSW Datasheet HTML 9Page - Microchip Technology RE46C167TSW Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
RE46C165/6/7/8
DS22251A-page 6
 2010 Microchip Technology Inc.
Input Leakage High
IIH1
1, 2
100
nA
VDD = 12V, VIN = VDD,
STROBE active
IIH2
3, 10,
12
——
100
nA
VDD = 12V, VIN = VDD
IHFD
10
50
µA
FEED = 22V
Input Pull Down
Current
IPD1
16
0.25
10
µA
VIN = VDD
IPD2
15
0.1
0.25
0.5
µA
VIN = VDD
IPDIO1
720
80
µA
VIN = VDD
IPDIO2
7—
140
µA
VIN = 15V, VDD = 12V
Output Off Leakage
Low
IOZL1
11, 13
-1
µA
Outputs off, Output = VSS
Output Off Leakage
High
IOZH1
11, 13
1
µA
Outputs off, Output = VDD
Output High Voltage
VOH1
8, 9
5.5
V
IOH = -16 mA, VDD = 6.5V
Output Low Voltage
VOL1
8, 9
1
V
IOL = 16 mA, VDD = 6.5V
VOL2
13
.5
V
IOL = 5 mA, VDD = 6.5V
VOL3
11
0.6
V
IOL = 10 mA, VDD = 6.5V
Output Current
IIOH1
7
-4
-16
mA
Alarm, VIO = VDD - 2V
or VIO = 0V
IIODMP
7
5
mA
At Conclusion of Local
Alarm or Test, VIO = 1V
Low Battery Voltage
VLB
5
6.9
7.2
7.5
V
Output Voltage
VSTOF
4VDD -.1
V
STROBE off, VDD = 12V,
IOUT = -1 µA
VSTON
4VDD -5.25
VDD -5
VDD -4.75
V
STROBE on, VDD = 9V,
IOUT = 100µA to 500µA
VIREDOF
6
0.1
V
IRED off, VDD = 12V,
IOUT = 1 µA
VIREDON
6
2.85
3.1
3.35
V
IRED on, VDD = 9V,
IOUT = 0 to -6 mA,
TA = +25°C
Common Mode
Voltage
VCM1
1, 2, 3
0.5
VDD-2
V
Local smoke, Push-to-Test
or Chamber Test, Note 2
Smoke Comparator
Reference
VREF
—VDD -3.7
VDD -3.5
VDD -3.3
V
Internal Reference, Note 2
Temperature
Coefficient
TCST
4
0.01
%/°C
STROBE output voltage,
VDD = 6V to 12V
TCIRED
6
0.3
%/°C
IRED output voltage,
VDD = 6V to 12V
Line Regulation
VSTON
4, 5
-50
dB
STROBE output (vs. VDD),
VDD = 6V to 12V
VIREDON
6, 5
-30
dB
IRED output voltage,
VDD = 6V to 12V
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
DC Electrical Characteristics:
Unless otherwise indicated, all parameters apply at TA = -25° to +75°, VDD = 9V,
Typical Application (unless otherwise noted), VSS = 0V
Parameter
Symbol
Test
Pin
Min
Typ
Max
Units
Conditions
Note 1:
Does not include Q3 emitter current.
2:
Not production tested.
3:
Production test at room temperature with guard banded limits.


Similar Part No. - RE46C167TSW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C167 MICROCHIP-RE46C167 Datasheet
563Kb / 30P
   Alarm Memory
07/14/15
More results

Similar Description - RE46C167TSW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
   CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com