Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8214 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCS8214
Description  Lithium Ion Battery Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8214 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCS8214_09 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8214_09 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8214_09 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8214_09 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8214_09 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8214_09 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8214_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCS8214
2009-09-29
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
114
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
167
°C/W
Single-device operation
(Note 3a)
Rth (ch-a) (1)
208
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b) Single-device value at
dual operation
(Note 3b)
Rth (ch-a) (2)
357
°C/W
Marking (Note 6)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: a) Device mounted on a glass-epoxy board (a)
b) Device mounted on a glass-epoxy board (b)
(a)
(b)
Note 3: a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is only applied to one device.)
b) The power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.)
Note 4: VDD = 24 V, Tch = 25°C (initial), L = 0.2 mH, RG = 25 Ω, IAR = 6 A
Note 5: Repetitive rating: pulse width limited by max channel temperature
Note 6: ○ on the lower left of the marking indicates Pin 1.
Note 7: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
S8214
Lot No.
Note 7
Part No. (or abbreviation code)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)


Similar Part No. - TPCS8214_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
More results

Similar Description - TPCS8214_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
   Lithium Ion Battery Applications
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Toshiba Semiconductor
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com