Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8008-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCS8008-H
Description  High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8008-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCS8008-H_09 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8008-H_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCS8008-H
2009-12-09
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2a)
Rth (ch-a)
83.3
°C/W
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2b)
Rth (ch-a)
208
°C/W
Marking (Note 5)
Note 1: The channel temperature should not exceed 150°C during use.
Note 2:
a) Device mounted on a glass-epoxy board (a)
b)
Device mounted on a glass-epoxy board (b)
Note 3: VDD = 50 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = 1.7 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: ○ on the lower right of the marking indicates Pin 1.
Note 6: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
S8008
Lot No. Note 6
Part No. (or abbreviation code)
*


Similar Part No. - TPCS8008-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results

Similar Description - TPCS8008-H_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com