Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PIC18LF26J53 Datasheet(PDF) 17 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

PIC18LF26J53 Datasheet(HTML) 17 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 17 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 17
PIC18F47J53 FAMILY
PORTA is a bidirectional I/O port.
RA0/AN0/C1INA/ULPWU/RP0
RA0
AN0
C1INA
ULPWU
RP0
227
I/O
I
I
I
I/O
TTL/DIG
Analog
Analog
Analog
ST/DIG
Digital I/O.
Analog Input 0.
Comparator 1 Input A.
Ultra low-power wake-up input.
Remappable Peripheral Pin 0 input/output.
RA1/AN1/C2INA/VBG/RP1
RA1
AN1
C2INA
VBG
RP1
328
I/O
O
I
O
I/O
TTL/DIG
Analog
Analog
Analog
ST/DIG
Digital I/O.
Analog Input 1.
Comparator 2 Input A.
Band Gap Reference Voltage (VBG) output.
Remappable Peripheral Pin 1 input/output.
RA2/AN2/C2INB/C1IND/
C3INB/VREF-/CVREF
RA2
AN2
C2INB
C1IND
C3INB
VREF-
CVREF
41
I/O
I
I
I
I
O
I
TTL/DIG
Analog
Analog
Analog
Analog
Analog
Analog
Digital I/O.
Analog Input 2.
Comparator 2 Input B.
Comparator 1 Input D.
Comparator 3 Input B.
A/D reference voltage (low) input.
Comparator reference voltage output.
RA3/AN3/C1INB/VREF+
RA3
AN3
C1INB
VREF+
52
I/O
I
I
I
TTL/DIG
Analog
Analog
Analog
Digital I/O.
Analog Input 3.
Comparator 1 Input B.
A/D reference voltage (high) input.
RA5/AN4/C1INC/SS1/
HLVDIN/RCV/RP2
RA5
AN4
C1INC
SS1
HLVDIN
RCV
RP2
74
I/O
I
I
I
I
I
I/O
TTL/DIG
Analog
Analog
TTL
Analog
Analog
ST/DIG
Digital I/O.
Analog Input 4.
Comparator 1 Input C.
SPI slave select input.
High/Low-Voltage Detect input.
External USB transceiver RCV input.
Remappable Peripheral Pin 2 input/output.
RA6(1)
RA7(1)
See the OSC2/CLKO/RA6 pin.
See the OSC1/CLKI/RA7 pin.
TABLE 1-3:
PIC18F2XJ53 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
28-SPDIP/
SSOP/
SOIC
28-QFN
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
DIG = Digital output
I2C™
= Open-Drain, I2C specific
Note 1:
RA7 and RA6 will be disabled if OSC1 and OSC2 are used for the clock function.
2:
5.5V tolerant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn