Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF26J53 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 11Page - Microchip Technology PIC18LF26J53 Datasheet HTML 12Page - Microchip Technology PIC18LF26J53 Datasheet HTML 13Page - Microchip Technology PIC18LF26J53 Datasheet HTML 14Page - Microchip Technology PIC18LF26J53 Datasheet HTML 15Page - Microchip Technology PIC18LF26J53 Datasheet HTML 16Page - Microchip Technology PIC18LF26J53 Datasheet HTML 17Page - Microchip Technology PIC18LF26J53 Datasheet HTML 18Page - Microchip Technology PIC18LF26J53 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 15
PIC18F47J53 FAMILY
FIGURE 1-2:
PIC18F4XJ53 (44-PIN) BLOCK DIAGRAM
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
8
8
3
W
8
8
8
Instruction
Decode and
Control
Data Latch
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31-Level Stack
Program Counter
Address Latch
Program Memory
(16 Kbytes-64 Kbytes)
Data Latch
20
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
ROM Latch
PCLATU
PCU
Instruction Bus <16>
STKPTR
Bank
State Machine
Control Signals
Decode
AD<15:0>, A<19:16>
(Multiplexed with PORTD
and PORTE)
PORTA
PORTC
PORTD
PORTE
RA0:RA7(1)
RC0:RC7(1)
RD0:RD7(1)
RE0:RE2(1)
PORTB
RB0:RB7(1)
Note 1: See Table 1-3 for I/O port pin descriptions.
2: The on-chip voltage regulator is always enabled by default.
Data Memory
(3.8 Kbytes)
OSC1/CLKI
OSC2/CLKO
VDD,
8 MHz
INTOSC
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset(2)
Precision
Reference
Band Gap
INTRC
Oscillator
Regulator
Voltage
VDDCORE/VCAP
Timing
Generation
USB
Module
VUSB
EUSART1
Comparators
MSSP1
Timer2
Timer1
Timer3
Timer0
ADC
EUSART2
MSSP2
Timer4
CTMU
HLVD
RTCC
ECCP1 ECCP2 ECCP3 CCP4 CCP5 CCP6 CCP7 CCP8 CCP9 CCP10
USB
Timer5
Timer6
Timer8


Similar Part No. - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF26J50 MICROCHIP-PIC18LF26J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18LF26J50I/MLQTP MICROCHIP-PIC18LF26J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/MLSQTP MICROCHIP-PIC18LF26J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTQTP MICROCHIP-PIC18LF26J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTSQTP MICROCHIP-PIC18LF26J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F46J11 MICROCHIP-PIC18F46J11_11 Datasheet
4Mb / 536P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J50 MICROCHIP-PIC18F46J50_11 Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com