Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PIC18LF26J53 Datasheet(PDF) 13 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

PIC18LF26J53 Datasheet(HTML) 13 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 13 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 13
PIC18F47J53 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC18F2XJ53 (28-PIN DEVICES)
TABLE 1-2:
DEVICE FEATURES FOR THE PIC18F4XJ53 (44-PIN DEVICES)
Features
PIC18F26J53
PIC18F27J53
Operating Frequency
DC – 48 MHz
DC – 48 MHz
Program Memory (Kbytes)
64
128
Program Memory (Instructions)
32,768
65,536
Data Memory (Kbytes)
3.8
3.8
Interrupt Sources
30
I/O Ports
Ports A, B, C
Timers
8
Enhanced Capture/Compare/PWM Modules
3 ECCP and 7 CCP
Serial Communications
MSSP (2), Enhanced USART (2), USB
Parallel Communications (PMP/PSP)
No
10/12-Bit Analog-to-Digital Module
10 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set Enabled
Packages
28-Pin QFN, SOIC, SSOP and SPDIP (300 mil)
Features
PIC18F46J53
PIC18F47J53
Operating Frequency
DC – 48 MHz
DC – 48 MHz
Program Memory (Kbytes)
64
128
Program Memory (Instructions)
32,768
65,536
Data Memory (Kbytes)
3.8
3.8
Interrupt Sources
30
I/O Ports
Ports A, B, C, D, E
Timers
8
Enhanced Capture/Compare/PWM Modules
3 ECCP and 7 CCP
Serial Communications
MSSP (2), Enhanced USART (2), USB
Parallel Communications (PMP/PSP)
Yes
10/12-Bit Analog-to-Digital Module
13 Input Channels
Resets (and Delays)
POR, BOR, RESET Instruction, Stack Full, Stack Underflow, MCLR, WDT
(PWRT, OST)
Instruction Set
75 Instructions, 83 with Extended Instruction Set Enabled
Packages
44-Pin QFN and TQFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn