Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 12 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 8Page - Microchip Technology PIC18LF26J53 Datasheet HTML 9Page - Microchip Technology PIC18LF26J53 Datasheet HTML 10Page - Microchip Technology PIC18LF26J53 Datasheet HTML 11Page - Microchip Technology PIC18LF26J53 Datasheet HTML 12Page - Microchip Technology PIC18LF26J53 Datasheet HTML 13Page - Microchip Technology PIC18LF26J53 Datasheet HTML 14Page - Microchip Technology PIC18LF26J53 Datasheet HTML 15Page - Microchip Technology PIC18LF26J53 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 12
Preliminary
 2010 Microchip Technology Inc.
1.1.5
EXTENDED INSTRUCTION SET
The PIC18F47J53 family implements the optional
extension to the PIC18 instruction set, adding eight
new instructions and an Indexed Addressing mode.
Enabled as a device configuration option, the extension
has been specifically designed to optimize re-entrant
application code originally developed in high-level
languages, such as C.
1.1.6
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
The consistent pinout scheme used throughout the
entire family also aids in migrating to the next larger
device.
The PIC18F47J53 family is also pin compatible with
other PIC18 families, such as the PIC18F4550,
PIC18F2450 and PIC18F46J50. This allows a new
dimension to the evolution of applications, allowing
developers to select different price points within
Microchip’s PIC18 portfolio, while maintaining the
same feature set.
1.2
Other Special Features
• Communications: The PIC18F47J53 family
incorporates a range of serial and parallel com-
munication peripherals, including a fully featured
USB communications module that is compliant
with the USB Specification Revision 2.0. This
device also includes two independent Enhanced
USARTs and two Master Synchronous Serial Port
(MSSP) modules, capable of both Serial
Peripheral Interface (SPI) and I2C™ (Master and
Slave) modes of operation. The device also has a
parallel port and can be configured to serve as
either a Parallel Master Port (PMP) or as a
Parallel Slave Port (PSP).
• CCP/ECCP Modules: All devices in the family
incorporate seven Capture/Compare/PWM (CCP)
modules and three Enhanced Capture/Com-
pare/PWM (ECCP) modules to maximize flexibility
in control applications. ECCPs offer up to four
PWM output signals each. The ECCPs also offer
many beneficial features, including polarity
selection, programmable dead time,
auto-shutdown and restart and Half-Bridge and
Full-Bridge Output modes.
• 10/12-Bit A/D Converter: This module incorpo-
rates programmable acquisition time, allowing for
a channel to be selected and a conversion to be
initiated without waiting for a sampling period, and
thus, reducing code overhead.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing an extended time-out range that is stable
across operating voltage and temperature. See
Section 31.0 “Electrical Characteristics” for
time-out periods.
1.3
Details on Individual Family
Devices
Devices in the PIC18F47J53 family are available in
28-pin and 44-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in two
ways:
• Flash program memory (two sizes: 64 Kbytes for
the PIC18FX6J53 and 128 Kbytes for
PIC18FX7J53)
• I/O ports (three bidirectional ports on 28-pin
devices, five bidirectional ports on 44-pin devices)
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
The pinouts for the PIC18F2XJ53 devices are listed in
Table 1-3. The pinouts for the PIC18F4XJ53 devices
are shown in Table 1-4.
The PIC18F47J53 family of devices provides an
on-chip voltage regulator to supply the correct voltage
levels to the core. Parts designated with an “F” part
number (such as PIC18F47J53) have the voltage
regulator enabled.
These parts can run from 2.15V-3.6V on VDD, but should
have the VDDCORE pin connected to VSS through a
low-ESR capacitor. Parts designated with an “LF” part
number (such as PIC18LF47J53) do not enable the volt-
age regulator nor support Deep Sleep mode. For “LF”
parts, an external supply of 2.0V-2.7V has to be supplied
to the VDDCORE pin while 2.0V-3.6V can be supplied to
VDD (VDDCORE should never exceed VDD).
For more details about the internal voltage regulator,
see Section 28.3 “On-Chip Voltage Regulator”.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn