Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 100 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 96Page - Microchip Technology PIC18LF26J53 Datasheet HTML 97Page - Microchip Technology PIC18LF26J53 Datasheet HTML 98Page - Microchip Technology PIC18LF26J53 Datasheet HTML 99Page - Microchip Technology PIC18LF26J53 Datasheet HTML 100Page - Microchip Technology PIC18LF26J53 Datasheet HTML 101Page - Microchip Technology PIC18LF26J53 Datasheet HTML 102Page - Microchip Technology PIC18LF26J53 Datasheet HTML 103Page - Microchip Technology PIC18LF26J53 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 100
Preliminary
 2010 Microchip Technology Inc.
EF4h
RPINR14
Timer5 Gate Input (T5G) to Input Pin Mapping bits
---1 1111
EF3h
RPINR13
Timer3 Gate Input (T3G) to Input Pin Mapping bits
---1 1111
EF2h
RPINR12
Timer1 Gate Input (T1G) to Input Pin Mapping bits
---1 1111
EF1h
EF0h
EEFh
EEEh
EEDh
EECh
EEBh
EEAh
RPINR9
ECCP3 Input Capture (IC3) to Input Pin Mapping bits
---1 1111
EE9h
RPINR8
ECCP2 Input Capture (IC2) to Input Pin Mapping bits
---1 1111
EE8h
RPINR7
ECCP1 Input Capture (IC1) to Input Pin Mapping bits
---1 1111
EE7h
RPINR15
Timer5 External Clock Input (T5CKI) to Input Pin Mapping bits
---1 1111
EE6h
RPINR6
Timer3 External Clock Input (T3CKI) to Input Pin Mapping bits
---1 1111
EE5h
EE4h
RPINR4
Timer0 External Clock Input (T0CKI) to Input Pin Mapping bits
---1 1111
EE3h
RPINR3
External Interrupt (INT3) to Input Pin Mapping bits
---1 1111
EE2h
RPINR2
External Interrupt (INT2) to Input Pin Mapping bits
---1 1111
EE1h
RPINR1
External Interrupt (INT1) to Input Pin Mapping bits
---1 1111
EE0h
EDFh
EDEh
EDDh
EDCh
EDBh
EDAh
ED9h
ED8h(1) RPOR24
Remappable Pin RP24 Output Signal Select bits
---0 0000
ED7h(1) RPOR23
Remappable Pin RP23 Output Signal Select bits
---0 0000
ED6h(1) RPOR22
Remappable Pin RP22 Output Signal Select bits
---0 0000
ED5h(1) RPOR21
Remappable Pin RP21 Output Signal Select bits
---0 0000
ED4h(1) RPOR20
Remappable Pin RP20 Output Signal Select bits
---0 0000
ED3h(1) RPOR19
Remappable Pin RP19 Output Signal Select bits
---0 0000
ED2h
RPOR18
Remappable Pin RP18 Output Signal Select bits
---0 0000
ED1h
RPOR17
Remappable Pin RP17 Output Signal Select bits
---0 0000
ED0h)
---0 0000
ECFh
---0 0000
ECEh
---0 0000
ECDh
RPOR13
Remappable Pin RP13 Output Signal Select bits
---0 0000
ECCh
RPOR12
Remappable Pin RP12 Output Signal Select bits
---0 0000
ECBh
RPOR11
Remappable Pin RP11 Output Signal Select bits
---0 0000
ECAh
RPOR10
Remappable Pin RP10 Output Signal Select bits
---0 0000
EC9h
RPOR9
Remappable Pin RP9 Output Signal Select bits
---0 0000
EC8h
RPOR8
Remappable Pin RP8 Output Signal Select bits
---0 0000
EC7h
RPOR7
Remappable Pin RP7 Output Signal Select bits
---0 0000
EC6h
RPOR6
Remappable Pin RP6 Output Signal Select bits
---0 0000
EC5h
RPOR5
Remappable Pin RP5 Output Signal Select bits
---0 0000
TABLE 6-4:
REGISTER FILE SUMMARY (PIC18F47J53 FAMILY) (CONTINUED)
Addr.
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition, r = reserved, do not modify
Note 1:
Implemented only for 44-pin devices (PIC18F46J53, PIC18F47J53, PIC18LF46J53 and PIC18LF47J53).
2:
Implemented only for 28-pin devices (PIC18F26J53, PIC18F27J53, PIC18LF26J53 and PIC18LF27J53).
3:
Implemented only for devices with 128 Kbyte of program memory (PIC18F27J53, PIC18F47J53, PIC18LF27J53 and PIC18LF47J53).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn