Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 81 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 77Page - Microchip Technology PIC18LF26J53 Datasheet HTML 78Page - Microchip Technology PIC18LF26J53 Datasheet HTML 79Page - Microchip Technology PIC18LF26J53 Datasheet HTML 80Page - Microchip Technology PIC18LF26J53 Datasheet HTML 81Page - Microchip Technology PIC18LF26J53 Datasheet HTML 82Page - Microchip Technology PIC18LF26J53 Datasheet HTML 83Page - Microchip Technology PIC18LF26J53 Datasheet HTML 84Page - Microchip Technology PIC18LF26J53 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 81
PIC18F47J53 FAMILY
6.0
MEMORY ORGANIZATION
There are two types of memory in PIC18 Flash
microcontrollers:
• Program Memory
• Data RAM
As Harvard architecture devices, the data and program
memories use separate busses; this allows for
concurrent access of the two memory spaces.
Section 7.0 “Flash Program Memory” provides
additional information on the operation of the Flash
program memory.
6.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter, which is capable of addressing a 2-Mbyte
program memory space. Accessing a location between
the upper boundary of the physically implemented
memory and the 2-Mbyte address returns all ‘0’s (a
NOP instruction).
The PIC18F47J53 family offers a range of on-chip
Flash program memory sizes, from 64 Kbytes (up to
32,768
single-word
instructions)
to
128 Kbytes
(65,536 single-word instructions).
Figure 6-1 provides the program memory maps for
individual family devices.
FIGURE 6-1:
MEMORY MAPS FOR PIC18F47J53 FAMILY DEVICES
Note:
Sizes of memory areas are not to scale. Sizes of program memory areas are enhanced to show detail.
Unimplemented
Read as ‘0’
Unimplemented
Read as ‘0’
000000h
1FFFFFF
00FFFFh
01FFFFh
PC<20:0>
Stack Level 1
Stack Level 31

CALL, CALLW, RCALL,
RETURN, RETFIE, RETLW,
21
On-Chip
Memory
On-Chip
Memory
ADDULNK, SUBULNK
Config. Words
Config. Words
PIC18FX6J53
PIC18FX7J53


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn