Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 78 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 74Page - Microchip Technology PIC18LF26J53 Datasheet HTML 75Page - Microchip Technology PIC18LF26J53 Datasheet HTML 76Page - Microchip Technology PIC18LF26J53 Datasheet HTML 77Page - Microchip Technology PIC18LF26J53 Datasheet HTML 78Page - Microchip Technology PIC18LF26J53 Datasheet HTML 79Page - Microchip Technology PIC18LF26J53 Datasheet HTML 80Page - Microchip Technology PIC18LF26J53 Datasheet HTML 81Page - Microchip Technology PIC18LF26J53 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 78
Preliminary
 2010 Microchip Technology Inc.
TMR8
PIC18F2XJ53
PIC18F4XJ53
0000 0000
PR8
PIC18F2XJ53
PIC18F4XJ53
1111 1111
T8CON
PIC18F2XJ53
PIC18F4XJ53
-000 0000
PSTR3CON
PIC18F2XJ53
PIC18F4XJ53
00-0 0001
ECCP3AS
PIC18F2XJ53
PIC18F4XJ53
0000 0000
ECCP3DEL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
CCPR3H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR3L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP3CON
PIC18F2XJ53
PIC18F4XJ53
0000 0000
CCPR4H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR4L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP4CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
CCPR5H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR5L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP5CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
CCPR6H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR6L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP6CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
CCPR7H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR7L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP7CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
CCPR8H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR8L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP8CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
CCPR9H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR9L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP9CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
CCPR10H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCPR10L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
CCP10CON
PIC18F2XJ53
PIC18F4XJ53
--00 0000
RPINR24
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR23
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn