Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PIC18LF26J53 Datasheet(PDF) 77 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

PIC18LF26J53 Datasheet(HTML) 77 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 77 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 77
PIC18F47J53 FAMILY
REFOCON
PIC18F2XJ53
PIC18F4XJ53
0-00 0000
u-uu uuuu
u-uu uuuu
PADCFG1
PIC18F2XJ53
PIC18F4XJ53
---- -000
---- -uuu
---- -uuu
RTCVALH
PIC18F2XJ53
PIC18F4XJ53
0xxx xxxx
0uuu uuuu
0uuu uuuu
RTCVALL
PIC18F2XJ53
PIC18F4XJ53
0xxx xxxx
0uuu uuuu
0uuu uuuu
UCFG
PIC18F2XJ53
PIC18F4XJ53
00-0 0000
00-0 0000
uu-u uuuu
UADDR
PIC18F2XJ53
PIC18F4XJ53
-000 0000
-uuu uuuu
-uuu uuuu
UEIE
PIC18F2XJ53
PIC18F4XJ53
0--0 0000
0--0 0000
u--u uuuu
UIE
PIC18F2XJ53
PIC18F4XJ53
-000 0000
-000 0000
-uuu uuuu
UEP15
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP14
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP13
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP12
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP11
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP10
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP9
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP8
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP7
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP6
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP5
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP4
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP3
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP2
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP1
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
UEP0
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
CM3CON
PIC18F2XJ53
PIC18F4XJ53
0001 1111
uuuu uuuu
uuuu uuuu
TMR5H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
TMR5L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
T5CON
PIC18F2XJ53
PIC18F4XJ53
0000 0000
T5GCON
PIC18F2XJ53
PIC18F4XJ53
0000 0x00
TMR6
PIC18F2XJ53
PIC18F4XJ53
0000 0000
PR6
PIC18F2XJ53
PIC18F4XJ53
1111 1111
T6CON
PIC18F2XJ53
PIC18F4XJ53
-000 0000
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn