Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF26J53 Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 72Page - Microchip Technology PIC18LF26J53 Datasheet HTML 73Page - Microchip Technology PIC18LF26J53 Datasheet HTML 74Page - Microchip Technology PIC18LF26J53 Datasheet HTML 75Page - Microchip Technology PIC18LF26J53 Datasheet HTML 76Page - Microchip Technology PIC18LF26J53 Datasheet HTML 77Page - Microchip Technology PIC18LF26J53 Datasheet HTML 78Page - Microchip Technology PIC18LF26J53 Datasheet HTML 79Page - Microchip Technology PIC18LF26J53 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 76
Preliminary
 2010 Microchip Technology Inc.
PMCONL
PIC18F2XJ53
PIC18F4XJ53
000- 0000
000- 0000
uuu- uuuu
PMMODEH
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMMODEL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMDOUT2H
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMDOUT2L
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMDIN2H
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMDIN2L
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMEH
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMEL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PMSTATH
PIC18F2XJ53
PIC18F4XJ53
00-- 0000
00-- 0000
uu-- uuuu
PMSTATL
PIC18F2XJ53
PIC18F4XJ53
10-- 1111
10-- 1111
uu-- uuuu
CVRCON
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
CCPTMRS0
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
CCPTMRS1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
CCPTMRS2
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
DSGPR1(6)
PIC18F2XJ53
PIC18F4XJ53
uuuu uuuu
uuuu uuuu
uuuu uuuu
DSGPR0(6)
PIC18F2XJ53
PIC18F4XJ53
uuuu uuuu
uuuu uuuu
uuuu uuuu
DSCONH(6)
PIC18F2XJ53
PIC18F4XJ53
0--- --00
0--- --00
u--- --uu
DSCONL(6)
PIC18F2XJ53
PIC18F4XJ53
---- -000
---- -000
---- -uuu
DSWAKEH(6)
PIC18F2XJ53
PIC18F4XJ53
---- ---q
---- ---0
---- ---u
DSWAKEL(6)
PIC18F2XJ53
PIC18F4XJ53
q-qq qq-q
0-00 00-0
u-uu uu-u
ANCON1
PIC18F2XJ53
PIC18F4XJ53
00-0 0000
uu-u uuuu
uu-u uuuu
ANCON0
PIC18F2XJ53
PIC18F4XJ53
0000 0000
uuuu uuuu
uuuu uuuu
ALRMCFG
PIC18F2XJ53
PIC18F4XJ53
0000 0000
uuuu uuuu
uuuu uuuu
ALRMRPT
PIC18F2XJ53
PIC18F4XJ53
0000 0000
uuuu uuuu
uuuu uuuu
ALRMVALH
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
ALRMVALL
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
ODCON1
PIC18F2XJ53
PIC18F4XJ53
---- 0000
---- uuuu
---- uuuu
ODCON2
PIC18F2XJ53
PIC18F4XJ53
---- --00
---- --uu
---- --uu
ODCON3
PIC18F2XJ53
PIC18F4XJ53
---- --00
---- --uu
---- --uu
RTCCFG
PIC18F2XJ53
PIC18F4XJ53
0-00 0000
u-uu uuuu
u-uu uuuu
RTCCAL
PIC18F2XJ53
PIC18F4XJ53
0000 0000
uuuu uuuu
uuuu uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.


Similar Part No. - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF26J50 MICROCHIP-PIC18LF26J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18LF26J50I/MLQTP MICROCHIP-PIC18LF26J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/MLSQTP MICROCHIP-PIC18LF26J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTQTP MICROCHIP-PIC18LF26J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF26J50I/PTSQTP MICROCHIP-PIC18LF26J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18LF26J53

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F47J13 MICROCHIP-PIC18F47J13 Datasheet
4Mb / 558P
   28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F46J11 MICROCHIP-PIC18F46J11_11 Datasheet
4Mb / 536P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J50 MICROCHIP-PIC18F46J50_11 Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
   28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com