Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PIC18LF26J53 Datasheet(PDF) 74 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF26J53 Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC18LF26J53 Datasheet HTML 70Page - Microchip Technology PIC18LF26J53 Datasheet HTML 71Page - Microchip Technology PIC18LF26J53 Datasheet HTML 72Page - Microchip Technology PIC18LF26J53 Datasheet HTML 73Page - Microchip Technology PIC18LF26J53 Datasheet HTML 74Page - Microchip Technology PIC18LF26J53 Datasheet HTML 75Page - Microchip Technology PIC18LF26J53 Datasheet HTML 76Page - Microchip Technology PIC18LF26J53 Datasheet HTML 77Page - Microchip Technology PIC18LF26J53 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 74
Preliminary
 2010 Microchip Technology Inc.
IPR1
PIC18F2XJ53
PIC18F4XJ53
1111 1111
1111 1111
uuuu uuuu
PIR1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu(3)
PIE1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
RCSTA2
PIC18F2XJ53
PIC18F4XJ53
0000 000x
0000 000x
uuuu uuuu
OSCTUNE
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
T1GCON
PIC18F2XJ53
PIC18F4XJ53
0000 0x00
0000 0x00
uuuu uuuu
T3GCON
PIC18F2XJ53
PIC18F4XJ53
0000 0x00
uuuu uxuu
uuuu uxuu
TRISE(5)
PIC18F2XJ53
PIC18F4XJ53
00-- -111
uu-- -111
uu-- -uuu
TRISD(5)
PIC18F2XJ53
PIC18F4XJ53
1111 1111
1111 1111
uuuu uuuu
TRISC
PIC18F2XJ53
PIC18F4XJ53
11-- -111
11-- -111
uu-- -uuu
TRISB
PIC18F2XJ53
PIC18F4XJ53
1111 1111
1111 1111
uuuu uuuu
TRISA
PIC18F2XJ53
PIC18F4XJ53
111- 1111
111- 1111
uuu- uuuu
LATE(5)
PIC18F2XJ53
PIC18F4XJ53
---- -xxx
---- -uuu
---- -uuu
LATD(5)
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
PIC18F2XJ53
PIC18F4XJ53
xx-- -xxx
uu-- -uuu
uu-- -uuu
LATB
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA
PIC18F2XJ53
PIC18F4XJ53
xxx- xxxx
uuu- uuuu
uuu- uuuu
DMACON1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
OSCCON2
PIC18F2XJ53
PIC18F4XJ53
-0-1 01--
DMACON2
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
HLVDCON
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PORTE(5)
PIC18F2XJ53
PIC18F4XJ53
---- -xxx
---- -uuu
---- -uuu
PORTD(5)
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
PIC18F2XJ53
PIC18F4XJ53
xxxx -xxx
uuuu -uuu
uuuu -uuu
PORTB
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
PIC18F2XJ53
PIC18F4XJ53
xxx- xxxx
uuu- uuuu
uuu- uuuu
SPBRGH1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
BAUDCON1
PIC18F2XJ53
PIC18F4XJ53
0100 0-00
0100 0-00
uuuu u-uu
SPBRGH2
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
BAUDCON2
PIC18F2XJ53
PIC18F4XJ53
0100 0-00
0100 0-00
uuuu u-uu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn