Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PIC18LF26J53 Datasheet(PDF) 72 Page - Microchip Technology

Part No. PIC18LF26J53
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
Download  586 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

PIC18LF26J53 Datasheet(HTML) 72 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 72 / 586 page
background image
PIC18F47J53 FAMILY
DS39964B-page 72
Preliminary
 2010 Microchip Technology Inc.
INDF2
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
POSTINC2
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
POSTDEC2
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
PREINC2
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
PLUSW2
PIC18F2XJ53
PIC18F4XJ53
N/A
N/A
N/A
FSR2H
PIC18F2XJ53
PIC18F4XJ53
---- 0000
---- 0000
---- uuuu
FSR2L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
PIC18F2XJ53
PIC18F4XJ53
---x xxxx
---u uuuu
---u uuuu
TMR0H
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
TMR0L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
PIC18F2XJ53
PIC18F4XJ53
1111 1111
1111 1111
uuuu uuuu
OSCCON
PIC18F2XJ53
PIC18F4XJ53
0110 qq00
0110 qq00
0110 qq0u
CM1CON
PIC18F2XJ53
PIC18F4XJ53
0001 1111
uuuu uuuu
uuuu uuuu
CM2CON
PIC18F2XJ53
PIC18F4XJ53
0001 1111
uuuu uuuu
uuuu uuuu
RCON(4)
PIC18F2XJ53
PIC18F4XJ53
0-11 11qq
0-qq qquu
u-qq qquu
TMR1H
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
PIC18F2XJ53
PIC18F4XJ53
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
PR2
PIC18F2XJ53
PIC18F4XJ53
1111 1111
1111 1111
uuuu uuuu
T2CON
PIC18F2XJ53
PIC18F4XJ53
-000 0000
-000 0000
-uuu uuuu
SSP1BUF
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSP1ADD
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
SSP1MSK
PIC18F2XJ53
PIC18F4XJ53
---- ----
uuuu uuuu
uuuu uuuu
SSP1STAT
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
SSP1CON1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
SSP1CON2
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
ADRESH
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
PIC18F2XJ53
PIC18F4XJ53
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
ADCON1
PIC18F2XJ53
PIC18F4XJ53
0000 0000
0000 0000
uuuu uuuu
WDTCON
PIC18F2XJ53
PIC18F4XJ53
1qq0 0000
0qq0 0000
uqqu uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn